Electronic Components Datasheet Search
  English  ▼

X  

PS2-221B Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PS2-221B
Description  Sensitive Snap-Action Pushbutton Switches ??Solder and P.C. Terminals (Momentary Action)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PS2-221B Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PS2-221B Datasheet HTML 1Page - List of Unclassifed Manufacturers PS2-221B Datasheet HTML 2Page - List of Unclassifed Manufacturers PS2-221B Datasheet HTML 3Page - List of Unclassifed Manufacturers PS2-221B Datasheet HTML 4Page - List of Unclassifed Manufacturers PS2-221B Datasheet HTML 5Page - List of Unclassifed Manufacturers PS2-221B Datasheet HTML 6Page - List of Unclassifed Manufacturers PS2-221B Datasheet HTML 7Page - List of Unclassifed Manufacturers PS2-221B Datasheet HTML 8Page - List of Unclassifed Manufacturers PS2-221B Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
MINIATURE SWITCHES
4
Litho in U.S.A GG
Sensitive Snap-Action Pushbutton Switches —
Solder and P.C. Terminals (Momentary Action)
PS
SERIES
5 AMP. (S.P.)
1 AMP (D.P.)
0.4 VA
DIRECT PANEL MOUNT
ONE POLE
TWO POLE
Basic P/N
Terminal Type
Poles
Cap Size
Cap Color
Contact Material-Type
PS
1 - Solder lug
1 - One
0 - No Cap
0 - No Cap
B - Gold/Nickel/Brass
2 - Printed Circuit
2 - Two
1 - .200 Dia.
1 - Black
G - Gold/Nickel/
Terminals
2 - .375 Dia.
2 - White
Silver
3 - .450 Sq.
3 - Ted
Q - Coin Silver
4 - .310 Dia.
5 - .780 Sq.
Single pole circuit rated 5 amps, double pole circuit rated 1 amp.
Ratings are 0.4 VA — 28 BAC or DC
Supplied with .90” square black bezel as Standard
EXAMPLES:
PS1-100Q = One-pole, S.L., 5 amp., No Cap,
Coin Silver Contacts
PS2-221B = Two-pole, PC, .4 VA, .375 Dia., Black Cap.,
Gold/Nickel/Brass Contacts
NEW .780” SQUARE
CAP AND BEZEL
W-NU-29A
W-NU-30A
DECORATIVE FACE NUTS
(SEE NOTE UNDER MATERIALS)
SPECIFICATIONS
Contact Rating – Letter codes G and Q (1 Pole) 5
amp resistive @ 125 VAC (U.L. recognized, CSA
certified
) or 5 amp resistive @ 28 VDC. (2 pole) 1
amp resistive @ 125 VAC (U.L. recognized, CSA
certified
) or 1 amp resistive @ 28 VDC.
Letter codes B and G – (1 and 2 Poles) 0.4
Volt-amps (VA) maximum @ 28 V max. (AC or
DC).
Contact Resistance – 50 milliohms maximum.
Insulation Resistance – 1,000 megohms min-
imum.
Dielectric Strength – 1,000 volts RMS minimum
at sea level.
Electrical Life – 60,000 cycles minimum at full
load-resistive.
Maximum Allowable Installation Force on
Plunger – 10 pounds.
Multi-pole contacts do not make and break
simultaneously.
MATERIALS
Case — Diallyl Phthalate.
Bushing — Brass, nickel plated.
Housing — Stainless steel.
Plunger — Thermoplastic.
Common Contact — Refer to contact material
table above.
Center & End Contact — Refer to contact
material table above.
Hardware — (2) Hex nuts W-NU-11, brass nickel
plated. (1) Internal tooth lockwasher W-WA-16,
steel chromium plated. (1) Locking Ring W-RI-16,
C.R.S. nickel plated.
Decorative Face Nuts — Brass, bright chrome
plated. See Page 16 for complete dimensions.
Solder Lug Terminal
Printed Circuit Terminal
Description
P/N
Color
W-KN-16
Black
W-KN-16A
White
W-KN-16B
Red
W-KN-32
Black
W-KN-32A
White
W-KN-32B
Red
W-KN-17
Black
W-KN-17A
White
W-KN-17B
Red
W-KN-18
Black
W-KN-18A
White
W-KN-18B
Red
W-KN-52
Black
W-KN-52A
White
W-KN-52B
Red
Bezel
Black
W-BZ-21
.90 Square
Bezel
.780 Square
Cap
Square Cap
.450
Large Cap
.375
Medium Cap
.310
Small Cap
.200


Similar Part No. - PS2-221B

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
PS2-2RP/9C/9C HIROSE-PS2-2RP/9C/9C Datasheet
1Mb / 12P
High Current Connector
PS2-2RS/9C/9C HIROSE-PS2-2RS/9C/9C Datasheet
1Mb / 12P
High Current Connector
PS2-2VP/42C HIROSE-PS2-2VP/42C Datasheet
1Mb / 12P
High Current Connector
PS2-2VS/42C HIROSE-PS2-2VS/42C Datasheet
1Mb / 12P
High Current Connector
PS2-2WP/6C/6C HIROSE-PS2-2WP/6C/6C Datasheet
1Mb / 12P
High Current Connector
More results

Similar Description - PS2-221B

ManufacturerPart #DatasheetDescription
logo
ITT Industries
8060 ITT-8060 Datasheet
1Mb / 10P
Alternate Action and Momentary Pushbutton Switches
PN11SBNA03QE ITT-PN11SBNA03QE Datasheet
430Kb / 3P
Alternate & Momentary Action Pushbutton Switches
logo
C&K Components
8060 CK-COMPONENTS-8060 Datasheet
726Kb / 10P
Alternate Action and Momentary Pushbutton Switches
PN11SBNA03QE CK-COMPONENTS-PN11SBNA03QE Datasheet
314Kb / 3P
Alternate & Momentary Action Pushbutton Switches
logo
E-SWITCH
LS0851503F040C2A E-SWITCH-LS0851503F040C2A Datasheet
279Kb / 3P
SNAP ACTION SWITCHES
logo
Hirose Electric
DG13-B1AA HIROSE-DG13-B1AA Datasheet
916Kb / 4P
Snap-Action Switches Insert molding terminals
logo
Grayhill, Inc
38EWSP7B1M1QT GRAYHILL-38EWSP7B1M1QT Datasheet
521Kb / 5P
Sealed Snap Action Miniature Pushbutton Switches
logo
C&K Components
PN11 CK-COMPONENTS-PN11 Datasheet
306Kb / 3P
Alternate & Momentary Action Pushbutton Switches
8060 CK-COMPONENTS-8060_V01 Datasheet
1Mb / 10P
Alternate Action and Momentary Pushbutton Switches
2018
PN CK-COMPONENTS-PN Datasheet
560Kb / 3P
Alternate & Momentary Action Pushbutton Switches
2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com