Electronic Components Datasheet Search
  English  ▼

X  

SMF64 Datasheet(PDF) 2 Page - Guangdong Juxing Electronics Technology Co., Ltd.

Part # SMF64
Description  Glass Passivated TVS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JUXING [Guangdong Juxing Electronics Technology Co., Ltd.]
Direct Link  http://www.trr-jx.com
Logo JUXING - Guangdong Juxing Electronics Technology Co., Ltd.

SMF64 Datasheet(HTML) 2 Page - Guangdong Juxing Electronics Technology Co., Ltd.

  SMF64 Datasheet HTML 1Page - Guangdong Juxing Electronics Technology Co., Ltd. SMF64 Datasheet HTML 2Page - Guangdong Juxing Electronics Technology Co., Ltd. SMF64 Datasheet HTML 3Page - Guangdong Juxing Electronics Technology Co., Ltd. SMF64 Datasheet HTML 4Page - Guangdong Juxing Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TVS: SMF5.0 thru SMF170A
Glass Passivated TVS
Electrical Characteristics(TA = 25 °C unless otherwise noted)
Test
Current
Stand-
off
Voltage
IT (mA) VWM (V)
10
5.0
10
5.0
10
6.0
10
6.0
10
6.5
10
6.5
10
7.0
10
7.0
1.0
7.5
1.0
7.5
1.0
8.0
1.0
8.0
1.0
8.5
1.0
8.5
1.0
9.0
1.0
9.0
1.0
10
1.0
10
1.0
11
1.0
11
1.0
12
1.0
12
1.0
13
1.0
13
1.0
14
1.0
14
1.0
15
1.0
15
1.0
16
1.0
16
1.0
17
1.0
17
1.0
18
1.0
18
1.0
20
1.0
20
1.0
22
1.0
22
1.0
24
1.0
24
1.0
26
1.0
26
1.0
28
1.0
28
1.0
30
1.0
30
Notes:
(1) For bi-directional devices, use suffix C or CA (e.g. SMF5.0C, SMF5.0CA). Electrical characteristics apply in both directions.
(2) IT pulse test:tp≤5.0mS
(3) Surge current waveform 10 / 1000 μS.
(4) For bidirectional types with VWM of 10 volts and less, the ID limit is doubled.
TRR House
No.
Marking
Code
Breakdown Voltage at IT
(2)
V(BR) (V)
Maximum
Reverse
Leakage
at VWM
(4)
Maximum
Peak Pulse
Surge
Current
(3)
Maximum
Clamping
Voltage
at IPPM
UNI
UNI
Min
Max
ID (µA)
IPPM (A)
VC (V)
SMF5.0
KD
6.40
7.82
400
20.80
9.6
SMF5.0A
KE
6.40
7.00
400
21.70
9.2
SMF6.0
KF
6.67
8.15
400
17.55
11.4
SMF6.0A
KG
6.67
7.37
400
19.40
10.3
SMF6.5
KH
7.22
8.82
250
16.30
12.3
SMF6.5A
KK
7.22
7.98
250
17.90
11.2
SMF7.0
KL
7.78
9.51
100
15.10
13.3
SMF7.0A
KM
7.78
8.60
100
16.70
12.0
SMF7.5
KN
8.33
10.20
50
14.00
14.3
SMF7.5A
KP
8.33
9.21
50
15.50
12.9
SMF8.0
KQ
8.89
10.90
25
13.35
15.0
SMF8.0A
KR
8.89
9.83
25
14.70
13.6
SMF8.5
KS
9.44
11.50
10
12.60
15.9
SMF8.5A
KT
9.44
10.40
10
13.90
14.4
SMF9.0
KU
10.00
12.20
5.0
11.85
16.9
SMF9.0A
KV
10.00
11.10
5.0
13.00
15.4
SMF10
KW
11.10
13.60
2.5
10.70
18.8
SMF10A
KX
11.10
12.30
2.5
11.80
17.0
SMF11
KY
12.20
14.90
2.5
9.95
20.1
SMF11A
KZ
12.20
13.50
2.5
11.00
18.2
SMF12
LD
13.30
16.30
2.5
9.15
22.0
SMF12A
LE
13.30
14.70
2.5
10.10
19.9
SMF13
LF
14.40
17.60
1.0
8.40
23.8
SMF13A
LG
14.40
15.90
1.0
9.30
21.5
SMF14
LH
15.60
19.10
1.0
7.75
25.8
SMF14A
LK
15.60
17.20
1.0
8.60
23.2
SMF15
LL
16.70
20.40
1.0
7.45
26.9
SMF15A
LM
16.70
18.50
1.0
8.20
24.4
SMF16
LN
17.80
21.80
1.0
6.95
28.8
SMF16A
LP
17.80
19.70
1.0
7.70
17.0
SMF17
LQ
18.90
23.10
1.0
6.50
30.5
SMF17A
LR
18.90
20.90
1.0
7.20
27.6
SMF18
LS
20.00
24.40
1.0
6.15
32.2
SMF18A
LT
20.00
22.10
1.0
6.80
29.2
SMF20
LU
22.20
27.10
1.0
5.65
35.8
SMF20A
LV
22.20
24.50
1.0
6.20
32.4
SMF22
LW
24.40
29.80
1.0
5.05
39.4
SMF22A
LX
24.40
26.90
1.0
5.60
35.5
SMF24
LY
26.70
32.60
1.0
4.60
43.0
SMF24A
LZ
26.70
29.50
1.0
5.10
38.9
SMF26
MD
28.90
35.30
1.0
4.35
46.6
SMF26A
ME
28.90
31.90
1.0
4.80
42.1
SMF28
MF
31.10
38.00
1.0
4.00
50.0
4.40
45.4
SMF30
MH
33.30
40.70
1.0
3.70
53.5
SMF28A
1.0
MG
31.10
34.40
48.4
SMF30A
MK
33.30
4.10
36.80
1.0
http://www.trr-jx.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com