Electronic Components Datasheet Search
  English  ▼

X  

SMF64 Datasheet(PDF) 3 Page - Guangdong Juxing Electronics Technology Co., Ltd.

Part # SMF64
Description  Glass Passivated TVS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JUXING [Guangdong Juxing Electronics Technology Co., Ltd.]
Direct Link  http://www.trr-jx.com
Logo JUXING - Guangdong Juxing Electronics Technology Co., Ltd.

SMF64 Datasheet(HTML) 3 Page - Guangdong Juxing Electronics Technology Co., Ltd.

  SMF64 Datasheet HTML 1Page - Guangdong Juxing Electronics Technology Co., Ltd. SMF64 Datasheet HTML 2Page - Guangdong Juxing Electronics Technology Co., Ltd. SMF64 Datasheet HTML 3Page - Guangdong Juxing Electronics Technology Co., Ltd. SMF64 Datasheet HTML 4Page - Guangdong Juxing Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TVS: SMF5.0 thru SMF170A
Glass Passivated TVS
Electrical Characteristics(TA = 25 °C unless otherwise noted)
Test
Current
Stand-
off
Voltage
IT (mA) VWM (V)
1.0
33
1.0
33
1.0
36
1.0
36
1.0
40
1.0
40
1.0
43
1.0
43
1.0
45
1.0
45
1.0
48
1.0
48
1.0
51
1.0
51
1.0
54
1.0
54
1.0
58
1.0
58
1.0
60
1.0
60
1.0
64
1.0
64
1.0
70
1.0
70
1.0
75
1.0
75
1.0
78
1.0
78
1.0
85
1.0
85
1.0
90
1.0
90
1.0
100
1.0
100
1.0
110
1.0
110
1.0
120
1.0
120
1.0
130
1.0
130
1.0
150
1.0
150
1.0
160
1.0
160
1.0
170
1.0
170
Notes:
(1) For bi-directional devices, use suffix C or CA (e.g. SMF5.0C, SMF5.0CA). Electrical characteristics apply in both directions.
(2) IT pulse test:tp≤5.0mS
(3) Surge current waveform 10 / 1000 μS.
(4) For bidirectional types with VWM of 10 volts and less, the ID limit is doubled.
ML
MM
MN
MP
MQ
MR
MS
MT
TRR House
No.
Marking
Code
Breakdown Voltage at IT
(2)
V(BR) (V)
Maximum
Reverse
Leakage
at VWM
(4)
Maximum
Peak Pulse
Surge
Current
(3)
Maximum
Clamping
Voltage
at IPPM
Max
ID (µA)
IPPM (A)
VC (V)
SMF33
36.70
44.90
1.0
3.45
59.0
UNI
UNI
Min
SMF33A
36.70
40.60
MU
SMF36A
40.00
44.20
SMF40
SMF40A
49.10
SMF36
40.00
48.90
1.0
44.40
1.0
3.80
53.3
3.06
64.3
1.0
3.40
58.1
44.40
54.30
1.0
2.80
71.4
1.0
2.90
69.4
1.0
1.0
3.10
64.5
2.60
76.7
SMF43
47.80
58.40
1.0
SMF43A
47.80
52.80
MX
SMF45
50.00
61.10
SMF48
SMF48A
58.90
53.30
2.55
80.3
SMF45A
50.00
55.30
MW
MV
1.0
2.80
72.7
53.30
65.10
1.0
2.35
85.5
1.0
2.40
82.4
MY
1.0
2.60
77.4
2.16
91.1
SMF51
56.70
69.30
1.0
SMF51A
56.70
62.70
ND
SMF54
60.00
73.30
MZ
1.0
2.10
96.3
SMF54A
60.00
66.30
NE
1.0
2.30
87.1
SMF58
64.40
78.70
1.0
2.00
103
NF
SMF58A
64.40
71.20
NG
1.0
2.20
93.6
SMF60
66.70
81.50
1.0
1.90
107
NH
SMF60A
66.70
73.70
NK
1.0
2.10
96.8
SMF64
71.10
86.90
1.0
1.79
114
NL
SMF64A
71.10
78.60
NM
1.0
2.00
103
SMF70
77.80
95.10
1.0
1.65
125
NN
SMF70A
77.80
86.00
NP
1.0
1.80
113
SMF75
83.30
102.0
1.0
1.55
134
NQ
SMF75A
83.30
92.10
NR
1.0
1.70
121
SMF78
86.70
106.0
1.0
1.45
139
NS
SMF78A
86.70
95.80
NT
1.0
1.60
126
SMF85
94.40
115.0
1.0
1.34
151
NU
SMF85A
94.40
104.0
NV
1.0
1.50
137
SMF90
100.0
122.0
1.0
1.30
160
NW
SMF90A
100.0
111.0
NX
1.0
1.40
146
SMF100
111.0
136.0
1.0
1.14
179
NY
SMF100A
111.0
123.0
NZ
1.0
1.30
162
SMF110
122.0
149.0
1.0
1.04
196
PD
SMF110A
122.0
135.0
PE
1.0
1.20
177
SMF120
133.0
163.0
1.0
0.95
214
PF
SMF120A
133.0
147.0
PG
1.0
1.00
193
SMF130
144.0
176.0
1.0
0.89
231
PH
SMF130A
144.0
159.0
PK
1.0
1.00
209
SMF150
167.0
204.0
1.0
0.75
268
PL
SMF150A
167.0
185.0
PM
1.0
0.80
243
SMF160
178.0
218.0
1.0
0.75
287
PN
SMF160A
178.0
197.0
PP
1.0
0.80
259
SMF170
189.0
231.0
1.0
0.65
304
PQ
1.0
0.70
275
SMF170A
189.0
209.0
PR
http://www.trr-jx.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com