| Electronic Components Datasheet Search |
|
SP4251 Datasheet(PDF) 3 Page - SIPAT Co,Ltd |
|
|
|||||||||||||||||||||||||||||
SP4251 Datasheet(HTML) 3 Page - SIPAT Co,Ltd |
|
3 / 8 page ![]() Product Specification SP4251 Page 3 of 8 Control Logic Input The SP4251 is a versatile RF CMOS switch that supports two operating control modes; single-pin control mode and complementary-pin control mode. Single-pin control mode enables the switch to operate with a single control pin (pin 2) supporting a +3.3 or 5.0-volt CMOS logic input, and requires a dedicated +3.3 or 5.0-volt power supply connection (pin 1). This mode of operation reduces the number of control lines required and simplifies the switch control interface typically derived from a CMOS µProcessor I/O port. Complementary-pin control mode allows the switch to operate using complementary control pins V1 and V2 (pins 2 & 1), that can be directly driven by +3.3 or 5.0-volt CMOS logic or a suitable µProcessor I/O port. This enables the SP4251 to operate in positive control voltage mode within the SP4251 operating limits. Control Voltages Signal Path Pin 1 (V2) = VDD Pin 2 (V1) = High RFC to RF1 Pin 1 (V2) = VDD Pin 2 (V1) = Low RFC to RF2 Table 5. Single-pin Control Logic Truth Table Table 6. Complementary-pin Control Logic Truth Table Control Voltages Signal Path Pin 1 (V2 ) = Low Pin 2 (V1) = High RFC to RF1 Pin 1 (V2) = High Pin 2 (V1) = Low RFC to RF2 Tel: +86-23-62808818 Fax: +86-23-62805284 www.sipatsaw.com / sawmkt@sipat.com |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |