Electronic Components Datasheet Search
  English  ▼

X  

SP4251 Datasheet(PDF) 4 Page - SIPAT Co,Ltd

Part # SP4251
Description  SPDT COMS RF Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

SP4251 Datasheet(HTML) 4 Page - SIPAT Co,Ltd

  SP4251 Datasheet HTML 1Page - SIPAT Co,Ltd SP4251 Datasheet HTML 2Page - SIPAT Co,Ltd SP4251 Datasheet HTML 3Page - SIPAT Co,Ltd SP4251 Datasheet HTML 4Page - SIPAT Co,Ltd SP4251 Datasheet HTML 5Page - SIPAT Co,Ltd SP4251 Datasheet HTML 6Page - SIPAT Co,Ltd SP4251 Datasheet HTML 7Page - SIPAT Co,Ltd SP4251 Datasheet HTML 8Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Product Specification
SP4251
Page 4 of 8
Evaluation Kit
Figure 4. Evaluation Board Layouts
Figure 5. Evaluation Board Schematic
NOTES:
4.3 Er AND 2.1MIL Cu
THICKNESS.
3. ALL TRANSMISION LINES ARE:
33MIL WIDTH, 10MIL GAPS, 28MIL CORE DIELECTRIC
TO DAMAGE BY ELECTROSTATIC DISCHARGE (ESD)
2. CAUTION:
1. USE 101-0337-02 PCB.
CONTAINS PARTS AND ASSEMBLIES SUSCEPTIBLE
or GND
R1
DNI
C2
100pF
1
J3
SMASM
1
J4
SMASM
1
J5
SMASM
1
J2
SMASM
C1
100pF
1
J6
SMASM
2
V1
1
V2
3
RFC
6
GNDS1
7
GNDS2
8
RF2
4
N/C
5
RF1
U1
MSOP
1
1
3
3
5
5
7
7
2
2
4
4
6
6
8
8
10
10
9
9
J1
HEADER 2 X 5 PIN
R2
0 OHM
R3
0 OHM
The SPDT Switch Evaluation Kit board was
designed to ease customer evaluation of the
SP4251 SPDT switch. The RF common port is
connected through a 50
Ω transmission line to the
bottom SMA connector, J3. Port 1 and Port 2 are
connected through 50
Ω transmission lines to two
SMA connectors on either side of the board, J4 and
J2. A through transmission line connects SMA
connectors J5 and J6. This transmission line can be
used to estimate the loss of the PCB over the
environmental conditions being evaluated.
The board is constructed of a two metal layer FR4
material with a total thickness of 0.0322”. The
bottom layer provides ground for the RF
transmission lines. The transmission lines were
designed using a coplanar waveguide with ground
plane model using a trace width of 0.033”, trace
gaps of 0.010”, dielectric thickness of 0.028”, copper
thickness of 0.0021” and
ε
r of 4.3.
J1 provides a means for controlling the DC inputs to
the device. The second-to-bottom lower right pin
(J1-3) is connected to the device V1 input. The
second-to-top upper right pin (J1-7) is connected to
the device V2 input. Footprints for decoupling
capacitors are provided on both V1 and V2 traces. It
is the responsibility of the customer to determine
proper supply decoupling for their design application.
Removing these components from the evaluation
board has not been shown to degrade RF
performance.
Tel: +86-23-62808818
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com