Electronic Components Datasheet Search
  English  ▼

X  

SP4309 Datasheet(PDF) 1 Page - SIPAT Co,Ltd

Part # SP4309
Description  50 廓 RF Digital Attenuator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

SP4309 Datasheet(HTML) 1 Page - SIPAT Co,Ltd

  SP4309 Datasheet HTML 1Page - SIPAT Co,Ltd SP4309 Datasheet HTML 2Page - SIPAT Co,Ltd SP4309 Datasheet HTML 3Page - SIPAT Co,Ltd SP4309 Datasheet HTML 4Page - SIPAT Co,Ltd SP4309 Datasheet HTML 5Page - SIPAT Co,Ltd SP4309 Datasheet HTML 6Page - SIPAT Co,Ltd SP4309 Datasheet HTML 7Page - SIPAT Co,Ltd SP4309 Datasheet HTML 8Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Page 1 of 8
This product is a high linearity, 6-bit RF Digital Step Attenuator
(DSA) covering a 31.5 dB attenuation range in 0.5 dB steps.
The Peregrine 50
Ω RF DSA provides a parallel CMOS control
interface and it operates on 3-volt to 5-volt supply. It maintains
high attenuation accuracy over frequency and temperature and
exhibits very low insertion loss and low power consumption.
This Peregrine DSA is available in a 4x4 mm 24 lead QFN
footprint with an exposed ground paddle.
The SP4309 is manufactured on SIPAT’s CMOS
process, a patented variation of silicon-on-insulator (SOI)
technology on a sapphire substrate, offering the performance
of GaAs with the economy and integration of conventional
CMOS.
Product Specification
50
Ω RF Digital Attenuator
6-bit, 31.5 dB, DC-4.0 GHz
Product Description
Figure 1. Functional Schematic Diagram
SP4309
Features
• Best in class 2.0 kV HBM ESD tolerance
• Low Insertion Loss: 1.6 dB typical
• Attenuation: 0.5 dB steps to 31.5 dB
• High Linearity: Typical 52 dB IP3
• Best in Class Attenuation accuracy
• Parallel programming interface
• Single supply, 3V to 5V operation
• Standard 3V or 5V CMOS control logic
independent of supply voltage
• Very low power consumption
• RoHS-compliant 24-lead 4x4 mm QFN
Control Logic Interface
Parallel Control
RF Input
RF Output
Switched Attenuator Array
6
Table 1. Electrical Specifications @ +25°C, VDD = 3.0 V - 5.0 V
Notes: 1. Device Linearity will begin to degrade below 5 MHz.
2. Note Absolute Maximum in Table 4.
3. See Figures 12 and 13 for typical attenuation error.
4. Measurements made in a 50 ohm system (see Figure 4, Test Circuit Block Diagram). Resistors (R2, R3, R5, R6, R7) with a
value of 10K-ohm are used to decouple the RF path from the control inputs.
Figure 2. Package Type
4x4 mm 24-Lead QFN
Parameter
Test Conditions4
Frequency
Min
Typ
Maximum
Units
Operation Frequency
DC
4000
MHz
Insertion Loss
DC - 2.2 GHz
2.2 - 4.0 GHz
-
-
1.6
2.2
2
3.4
dB
dB
Attenuation Accuracy
Any Bit or Bit Combination
Any Bit or Bit Combination
0.5 - 7.5 dB States 3
8.0 - 15.5 dB States 3
16.0 - 31.5 dB States3
DC
≤ 1.0 GHz
1.0 < 2.2 GHz
2.2 < 3.8 GHz
2.2 < 3.8 GHz
2.2 < 3.8 GHz
-
-
-
-
-
-
-
0.15
0.7
1.2
±(0.10 + 3% of atten setting), not to exceed +0.20 dB
±(0.15 + 3% of atten setting)
-
-
-
dB
dB
dB
dB
dB
1 dB Compression2
1 MHz - 2.2 GHz
2.2 - 4.0 GHz
30
-
32
32
-
-
dBm
dBm
Input IP31
Two-tone inputs +18 dBm
1 MHz - 2.2 GHz
2.2 - 4.0 GHz
-
-
52
45
-
-
dBm
dBm
Return Loss
DC - 2.2 GHz
2.2 - 4.0 GHz
15
10
20
20
-
-
dB
dB
Switching Speed
50% of control voltage to
90% of final attenuation level
-
-
1
µs
Tel: +86-23-62808818
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com


Similar Part No. - SP4309

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
SP4302 SIPAT-SP4302 Datasheet
867Kb / 10P
50 廓 RF Digital Attenuator
SP4304 SIPAT-SP4304 Datasheet
928Kb / 10P
75 廓 RF Digital Attenuator
SP4306 SIPAT-SP4306 Datasheet
845Kb / 10P
50 廓 RF Digital Attenuator
SP4307 SIPAT-SP4307 Datasheet
935Kb / 10P
75 廓 RF Digital Attenuator
SP4308 SIPAT-SP4308 Datasheet
889Kb / 10P
75 廓 RF Digital Attenuator
More results

Similar Description - SP4309

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
SP4302 SIPAT-SP4302 Datasheet
867Kb / 10P
50 廓 RF Digital Attenuator
SP43204 SIPAT-SP43204 Datasheet
840Kb / 7P
50 廓 RF Digital Attenuator
logo
Peregrine Semiconductor
PE43204 PSEMI-PE43204_14 Datasheet
854Kb / 8P
50 廓 RF Digital Attenuator
PE43502 PSEMI-PE43502_14 Datasheet
986Kb / 11P
50 廓 RF Digital Attenuator
PE43602 PSEMI-PE43602_14 Datasheet
985Kb / 11P
50 廓 RF Digital Attenuator
PE43701 PSEMI-PE43701_14 Datasheet
991Kb / 13P
50 廓 RF Digital Attenuator
PE43703 PSEMI-PE43703_14 Datasheet
1,022Kb / 15P
50 廓 RF Digital Attenuator
logo
Peregrine Semiconductor...
PE4305DS PEREGRINE-PE4305DS Datasheet
460Kb / 11P
50 廓 RF Digital Attenuator
PE43502 PEREGRINE-PE43502 Datasheet
443Kb / 11P
50 廓 RF Digital Attenuator
PE43503 PEREGRINE-PE43503 Datasheet
437Kb / 11P
50 廓 RF Digital Attenuator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com