Electronic Components Datasheet Search
  English  ▼

X  

SP43404 Datasheet(PDF) 7 Page - SIPAT Co,Ltd

Part # SP43404
Description  75 廓 RF Digital Attenuator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

SP43404 Datasheet(HTML) 7 Page - SIPAT Co,Ltd

Back Button SP43404 Datasheet HTML 2Page - SIPAT Co,Ltd SP43404 Datasheet HTML 3Page - SIPAT Co,Ltd SP43404 Datasheet HTML 4Page - SIPAT Co,Ltd SP43404 Datasheet HTML 5Page - SIPAT Co,Ltd SP43404 Datasheet HTML 6Page - SIPAT Co,Ltd SP43404 Datasheet HTML 7Page - SIPAT Co,Ltd SP43404 Datasheet HTML 8Page - SIPAT Co,Ltd SP43404 Datasheet HTML 9Page - SIPAT Co,Ltd SP43404 Datasheet HTML 10Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Product Specification
SP43404
Page 7 of 10
Programming Options
Parallel/Serial Selection
Either a parallel or serial interface can be used to
control the SP43404. The P/S bit provides this
selection, with P/S=LOW selecting the parallel
interface and P/S=HIGH selecting the serial
interface.
Parallel / Direct Mode Interface
The parallel interface consists of four CMOS-
compatible control lines that select the desired
attenuation state, as shown in Table 5.
The parallel interface timing requirements are
defined by Figure 19 (Parallel Interface Timing
Diagram), Table 9 (Parallel Interface AC
Characteristics), and switching speed (Table 1).
For
latched parallel programming, the Latch Enable
(LE) should be held LOW while changing attenuation
state control values, then pulse LE HIGH to LOW
(per Figure 19) to latch new attenuation state into
device.
For
direct parallel programming, the Latch Enable
(LE) line should be pulled HIGH. Changing
attenuation state control values will change device
state to new attenuation. Direct Mode is ideal for
manual control of the device (using hardwire,
switches, or jumpers).
Table 5. Truth Table
Serial Interface
The SP43404’s serial interface is a 6-bit serial-in,
parallel-out shift register buffered by a transparent
latch. The latch is controlled by three CMOS-
compatible signals: Data, Clock, and Latch Enable
(LE). The Data and Clock inputs allow data to be
serially entered into the shift register, a process that
is independent of the state of the LE input.
The LE input controls the latch. When LE is HIGH,
the latch is transparent and the contents of the serial
shift register control the attenuator. When LE is
brought LOW, data in the shift register is latched.
The shift register should be loaded while LE is held
LOW to prevent the attenuator value from changing
as data is entered. The LE input should then be
toggled HIGH and brought LOW again, latching the
new data. The start bit (B5) and stop bit (B0) of the
data should always be low to prevent an unknown
state in the device. The timing for this operation is
defined by Figure 18 (Serial Interface Timing
Diagram) and Table 8 (Serial Interface AC
Characteristics).
Power-up Control Settings
The SP43404 always assumes a specifiable
attenuation setting on power-up. This feature exists
for both the Serial and Parallel modes of operation,
and allows a known attenuation state to be
established before an initial serial or parallel control
word is provided.
When the attenuator powers up in Serial mode (P/
S=1), the four control bits are set to whatever data is
present on the four parallel data inputs (C1 to C8).
This allows any one of the 16 attenuation settings to
be specified as the power-up state.
When the attenuator powers up in Parallel mode (P/
S=0) with LE=0, the control bits are automatically set
to one of two possible values. These two values are
selected by the power-up control bit, PUP2, as
shown in Table 6 (Power-Up Truth Table, Parallel
Mode).
Table 6. Power-Up Truth Table, Parallel
Interface Mode
Note:
Power up with LE=1 provides normal parallel operation
with C1-C8, and PUP2 is not active.
P/S
C8
C4
C2
C1
Attenuation
State
0
0
0
0
0
Reference Loss
0
0
0
0
1
1 dB
0
0
0
1
0
2 dB
0
0
1
0
0
4 dB
0
1
0
0
0
8 dB
0
1
1
1
1
15 dB
Note: Not all 16 possible combinations of C1-C8 are shown in table
P/S
LE
PUP2
Attenuation State
0
0
0
Reference Loss
0
0
1
8 dB
0
1
X
Defined by C1-C8
Tel: +86-23-62808818
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com