Electronic Components Datasheet Search
  English  ▼

X  

SP43404 Datasheet(PDF) 3 Page - SIPAT Co,Ltd

Part # SP43404
Description  75 廓 RF Digital Attenuator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

SP43404 Datasheet(HTML) 3 Page - SIPAT Co,Ltd

  SP43404 Datasheet HTML 1Page - SIPAT Co,Ltd SP43404 Datasheet HTML 2Page - SIPAT Co,Ltd SP43404 Datasheet HTML 3Page - SIPAT Co,Ltd SP43404 Datasheet HTML 4Page - SIPAT Co,Ltd SP43404 Datasheet HTML 5Page - SIPAT Co,Ltd SP43404 Datasheet HTML 6Page - SIPAT Co,Ltd SP43404 Datasheet HTML 7Page - SIPAT Co,Ltd SP43404 Datasheet HTML 8Page - SIPAT Co,Ltd SP43404 Datasheet HTML 9Page - SIPAT Co,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Product Specification
SP43404
Page 3 of 10
Z=75 Ohm
Z=75 Ohm
or GND
SMA
SMA
SUPPLY
N/C
N/C
C9
0.1µF
C10
100pF
1
2
RFIN
3
DATA
4
CLK
5
LE
11
GND
12
VNEG
13
PS
14
RFOUT
15
C8
U4
MLPQ4X4
C12
0.1µF
C14
100pF
R23
10K
1
J18
1
J19
R24 0 OHM
R25
0 OHM
1
2
3
4
J20
DATA
PS
CLK
C8
LE
-VDD
VDD
VDD
Evaluation Kit
The Digital Attenuator Evaluation Kit was designed to
ease customer evaluation of the SP43404 DSA.
J9 is used in conjunction with the supplied DC cable to
supply VDD, GND, and –VDD. If use of the internal
negative voltage generator is desired, then connect –
VDD (black banana plug) to ground. If an external –VDD
is desired, then apply -3V.
J1 should be connected to the LPT1 port of a PC with
the supplied control cable. The evaluation software is
written to operate the DSA in serial mode, so switch 7
(P/S) on the DIP switch SW1 should be ON with all
other switches off. Using the software, enable or
disable
each
attenuation
setting
to
the
desired
combined attenuation.
The software automatically
programs the DSA each time an attenuation state is
enabled or disabled.
Note: Jumper J6 supplies power to the evaluation
board support circuits.
To evaluate the Power Up options, first disconnect the
control cable from the evaluation board. The control
cable must be removed to prevent the PC port from
biasing the control pins.
During power up with P/S=1 high and LE=1, the default
power-up signal attenuation is set to the value present
on the four control bits on the four parallel data inputs
(C1 to C8). This allows any one of the 32 attenuation
settings to be specified as the power-up state.
During power up with P/S=0 high and LE=0, the control
bits are automatically set to one of two possible values
presented through the PUP interface.
These two
values are selected by the power-up control bit, PUP2,
as shown in Table 6.
Pins 1 and 7 are open and may be connected to any
bias.
Figure 4. Evaluation Board Layout
Figure 5. Evaluation Board Schematic
Note: Resistor on pin 3 is required and
should be placed as close to the part
as possible to avoid package
resonance and meet error
specifications over frequency.
Figure 4. Evaluation Board Layout
Tel: +86-23-62808818
Fax: +86-23-62805284
www.si
w.com
i at.com
patsa
/ sawmkt@s p



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com