Electronic Components Datasheet Search
  English  ▼

X  

QJCTL3 Datasheet(PDF) 6 Page - Cystech Electonics Corp.

Part # QJCTL3
Description  1A Snubber Damping Rectifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

QJCTL3 Datasheet(HTML) 6 Page - Cystech Electonics Corp.

  QJCTL3 Datasheet HTML 1Page - Cystech Electonics Corp. QJCTL3 Datasheet HTML 2Page - Cystech Electonics Corp. QJCTL3 Datasheet HTML 3Page - Cystech Electonics Corp. QJCTL3 Datasheet HTML 4Page - Cystech Electonics Corp. QJCTL3 Datasheet HTML 5Page - Cystech Electonics Corp. QJCTL3 Datasheet HTML 6Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
CYStech Electronics Corp.
Spec. No. : C211L3
Issued Date : 2013.07.19
Revised Date : 2013.12.17
Page No. : 6/6
QJL3, QJCTL3
CYStek Product Specification
SOT-223 Dimension
3
2
1
F
B
A
C
D
E
G
H
a1
a2
I
Marking:
□□□□
□□
*: Typical
Inches
Millimeters
Inches
Millimeters
DIM
Min.
Max.
Min.
Max.
DIM
Min.
Max.
Min.
Max.
A
0.1142
0.1220
2.90
3.10
G
0.0551
0.0709
1.40
1.80
B
0.2638
0.2874
6.70
7.30
H
0.0098
0.0138
0.25
0.35
C
0.1299
0.1457
3.30
3.70
I
0.0008
0.0039
0.02
0.10
D
0.0236
0.0315
0.60
0.80
a1
*13o
-
*13o
-
E
*0.0906
-
*2.30
-
a2
0 o
10 o
0 o
10 o
F
0.2480
0.2638
6.30
6.70
Notes: 1.Controlling dimension: millimeters.
2.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material.
3.If there is any question with packing specification or packing method, please contact your local CYStek sales office.
Material:
• Lead: Pure tin plated.
• Mold Compound: Epoxy resin family, flammability solid burning class: UL94V-0.
Important Notice:
• All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of CYStek.
• CYStek reserves the right to make changes to its products without notice.
• CYStek semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems.
• CYStek assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
Device Code
Year code:
0→2010,
1→2011,
2→2012,
…etc.
month code: 1~9,
A,B,C
Device Code : QJ for QJL3
QJCT for QJCTL3
Style: QJM3 : Pin 1. Anode 2. Cathode 3. Not Connected
QJCTM3: Pin 1. Anode 2. Cathode 3. Anode
3-Lead SOT-223 Plastic
Surface Mounted Package
CYStek Package Code: L3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com