Electronic Components Datasheet Search
  English  ▼

X  

QJCTL3 Datasheet(PDF) 1 Page - Cystech Electonics Corp.

Part # QJCTL3
Description  1A Snubber Damping Rectifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

QJCTL3 Datasheet(HTML) 1 Page - Cystech Electonics Corp.

  QJCTL3 Datasheet HTML 1Page - Cystech Electonics Corp. QJCTL3 Datasheet HTML 2Page - Cystech Electonics Corp. QJCTL3 Datasheet HTML 3Page - Cystech Electonics Corp. QJCTL3 Datasheet HTML 4Page - Cystech Electonics Corp. QJCTL3 Datasheet HTML 5Page - Cystech Electonics Corp. QJCTL3 Datasheet HTML 6Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
CYStech Electronics Corp.
Spec. No. : C211L3
Issued Date : 2013.07.19
Revised Date : 2013.12.17
Page No. : 1/6
QJL3, QJCTL3
CYStek Product Specification
1A Snubber Damping Rectifier
QJL3, QJCTL3
Features
• High current capability
• Smoothly soft reverse recovery time (trr)
• Low profile surface mounted package in order to minimize board space
• Pb-free lead plating and halogen-free package
Pinning
Outline
Description
Pin
QJL3
QJCTL3
1
A
A1
2
K
K1, K2
SOT-223
3
NC
A2
3
(2) QJCTL3
2
1
(1) QJL3
Marking:
Type
Marking Code
QJL3
QJ
QJCTL3
QJCT
Diode configuration and symbol


Similar Part No. - QJCTL3

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
QJCTM3 CYSTEKEC-QJCTM3 Datasheet
232Kb / 6P
1A Snubber Damping Rectifier
QJCTM3 CYSTEKEC-QJCTM3 Datasheet
232Kb / 6P
1A Snubber Damping Rectifier
More results

Similar Description - QJCTL3

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
QDL3 CYSTEKEC-QDL3 Datasheet
250Kb / 6P
1A /90V Snubber Damping Rectifier
QJ-2L CYSTEKEC-QJ-2L Datasheet
245Kb / 6P
1A Snubber Damping Rectifier
QJCTM3 CYSTEKEC-QJCTM3 Datasheet
232Kb / 6P
1A Snubber Damping Rectifier
QJL3 CYSTEKEC-QJL3 Datasheet
239Kb / 6P
1A Snubber Damping Rectifier
QJM3 CYSTEKEC-QJM3 Datasheet
232Kb / 6P
1A Snubber Damping Rectifier
QJAF CYSTEKEC-QJAF Datasheet
404Kb / 7P
1A Snubber Damping Rectifier
QJP-2L CYSTEKEC-QJP-2L Datasheet
409Kb / 6P
1A Snubber Damping Rectifier
QJP-62 CYSTEKEC-QJP-62 Datasheet
389Kb / 6P
1A Snubber Damping Rectifier
QJP-65 CYSTEKEC-QJP-65 Datasheet
389Kb / 6P
1A Snubber Damping Rectifier
QJP CYSTEKEC-QJP Datasheet
388Kb / 6P
1A Snubber Damping Rectifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com