Electronic Components Datasheet Search
  English  ▼

X  

L4938EP Datasheet(PDF) 6 Page - STMicroelectronics

Part # L4938EP
Description  Advanced voltage regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4938EP Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L4938EP Datasheet HTML 2Page - STMicroelectronics L4938EP Datasheet HTML 3Page - STMicroelectronics L4938EP Datasheet HTML 4Page - STMicroelectronics L4938EP Datasheet HTML 5Page - STMicroelectronics L4938EP Datasheet HTML 6Page - STMicroelectronics L4938EP Datasheet HTML 7Page - STMicroelectronics L4938EP Datasheet HTML 8Page - STMicroelectronics L4938EP Datasheet HTML 9Page - STMicroelectronics L4938EP Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Block diagram and pin description
L4938ED, L4938EPD
6/20
Doc ID 17243 Rev 2
Table 2.
Pin definitions and functions
PIn number
Name
Function
SO-20
PowerSO-20
18
3
VS2
Supply voltage (400 mA regulator)
19
4
VS1
Supply voltage (100 mA regulator, reset, sense)
20
5
SI
Sense input
1
6
PR
Reset threshold programming
2
7
CT
Reset delay capacitor
3
8
EN
Enable (low activates the 400 mA regulator)
4, 5, 6, 7, 14, 15,
16, 17
1, 10, 11, 20
GND
Ground
8
14
RES
Reset output
9
15
SO
Sense output
10
16
OUT1
100 mA regulator output
11
17
ADJ
Feedback of 400 mA regulator
12
18
OUT2
400 mA regulator output
13
2, 9, 19
NC
Not connected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com