Electronic Components Datasheet Search
  English  ▼

X  

L4938EP Datasheet(PDF) 1 Page - STMicroelectronics

Part # L4938EP
Description  Advanced voltage regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4938EP Datasheet(HTML) 1 Page - STMicroelectronics

  L4938EP Datasheet HTML 1Page - STMicroelectronics L4938EP Datasheet HTML 2Page - STMicroelectronics L4938EP Datasheet HTML 3Page - STMicroelectronics L4938EP Datasheet HTML 4Page - STMicroelectronics L4938EP Datasheet HTML 5Page - STMicroelectronics L4938EP Datasheet HTML 6Page - STMicroelectronics L4938EP Datasheet HTML 7Page - STMicroelectronics L4938EP Datasheet HTML 8Page - STMicroelectronics L4938EP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
September 2013
Doc ID 17243 Rev 2
1/20
1
L4938ED
L4938EPD
Advanced voltage regulator
Features
■
Enable and sense inputs (EN, SI) protected
against negative transients down to -5 V
■
Reset threshold adjustable from 3.8 V to 4.7 V
■
Extremely low quiescent current, 65 µA (less
than 90 µA) in standby mode
■
Operating DC supply voltage range 5 V - 28 V
■
Operating transient supply voltage up to 40 V
■
High precision standby output voltage 5 V ± 1%
with 100 mA current capability
■
Output 2 voltage 5 V ± 2% with 400 mA current
capability (ADJ wired to VOUT2)
■
Output 2 voltage adjustable by external voltage
divider
■
Output 2 disable function for standby mode
Description
The L4938ED and L4938EPD are monolithic
integrated dual voltage regulators with two very
low dropout outputs and additional functions such
as power-on reset and input voltage sense. They
are designed for supplying microcomputer
controlled systems especially in automotive
applications.
Table 1.
Device summary
Package
Order codes
Tube
Tape and reel
SO-20
L4938ED
L4938ED013TR
PowerSO-20
L4938EPD
L4938EPD13TR
PowerSO-20
SO-20
www.st.com


Similar Part No. - L4938EP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4938EPD STMICROELECTRONICS-L4938EPD Datasheet
101Kb / 12P
ADVANCED VOLTAGE REGULATOR
Feb-1999
L4938EPD STMICROELECTRONICS-L4938EPD Datasheet
1Mb / 22P
for car body applications
Oct-2013
L4938EPD STMICROELECTRONICS-L4938EPD Datasheet
275Kb / 20P
Advanced voltage regulator
20-Sep-2013
L4938EPD13TR STMICROELECTRONICS-L4938EPD13TR Datasheet
275Kb / 20P
Advanced voltage regulator
20-Sep-2013
More results

Similar Description - L4938EP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4936E STMICROELECTRONICS-L4936E Datasheet
96Kb / 11P
ADVANCED VOLTAGE REGULATOR
Jun-2000
L4938E STMICROELECTRONICS-L4938E Datasheet
101Kb / 12P
ADVANCED VOLTAGE REGULATOR
Feb-1999
logo
Semtech Corporation
MP60G SEMTECH-MP60G Datasheet
25Kb / 4P
VOLTAGE REGULATOR MODULE FOR INTEL ADVANCED PROCESSORS
logo
Fuji Electric
MB3756 FUJI-MB3756 Datasheet
228Kb / 7P
VOLTAGE REGULATOR
logo
ADDtek Corp
A705 ADDTEK-A705 Datasheet
164Kb / 7P
200mA ~ 300mA ADVANCED CURRENT REGULATOR
AUGUST 2007
A708 ADDTEK-A708 Datasheet
177Kb / 8P
3 CHANNELS 20mA ADVANCED CURRENT REGULATOR
AUGUST 2007
AMC7135 ADDTEK-AMC7135 Datasheet
249Kb / 6P
350mA ADVANCED CURRENT REGULATOR
APRIL 2007
logo
Seaward Electronics Inc...
SE9135 SEAWARD-SE9135 Datasheet
186Kb / 4P
350mA Advanced Current Regulator
logo
E-Tech Electronics LTD
R1MX55 ETL-R1MX55 Datasheet
311Kb / 10P
VOLTAGE REGULATOR
logo
Renesas Technology Corp
X80070 RENESAS-X80070 Datasheet
624Kb / 14P
Hot Swap Controller with Advanced Fault Protection and Voltage Regulator Output
March 15, 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com