Electronic Components Datasheet Search
  English  ▼

X  

L4938ED Datasheet(PDF) 7 Page - STMicroelectronics

Part # L4938ED
Description  Advanced voltage regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4938ED Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L4938ED Datasheet HTML 3Page - STMicroelectronics L4938ED Datasheet HTML 4Page - STMicroelectronics L4938ED Datasheet HTML 5Page - STMicroelectronics L4938ED Datasheet HTML 6Page - STMicroelectronics L4938ED Datasheet HTML 7Page - STMicroelectronics L4938ED Datasheet HTML 8Page - STMicroelectronics L4938ED Datasheet HTML 9Page - STMicroelectronics L4938ED Datasheet HTML 10Page - STMicroelectronics L4938ED Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
L4938ED, L4938EPD
Electrical specifications
Doc ID 17243 Rev 2
7/20
2
Electrical specifications
2.1
Absolute maximum ratings
Stressing the device above the ratings listed in the “Absolute maximum ratings” tables may
cause permanent damage to the device. These are stress ratings only and operation of the
device at these or any other conditions above those indicated in the Operating sections of
this specification is not implied. Exposure to the conditions in this section for extended
periods may affect device reliability. Refer also to the STMicroelectronics SURE Program
and other relevant quality documents.
Note:
The circuit is ESD protected according to MIL-STD-883C.
Table 3.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VINDC
DC operating supply voltage
28
V
VINTR
Transient operating supply voltage (T < 400 ms)
-14 to 40
V
IO
Output current
internally limited
VSI
Sense input voltage (voltage forced)(1)
1. Current forced means voltage unlimited but current limited to the specified value voltage forced
means voltage limited to the specified values while the current is not limited
-20 to 20
V
ISI
Sense input current (current forced)(1)
±1
mA
VEN
Enable input voltage (voltage forced)(1)
-20 to 20
V
IEN
Sense input current (current forced)(1)
±1
mA
VRES, VSO
Output voltages
-0.3 to 20
V
IRES, ISO
Output currents (output low)
5
mA
PO
Power dissipation at Tamb =80°C
(2)
2. Typical value soldered on a PC board with 8 cm2 copper ground plane (35 mm thick).
875
mW
Tstg
Storage temperature
-65 to 150
°C
TJ
Operating junction temperature
-40 to 150
°C
TJSD
Thermal shutdown junction temperature output 2 will
shutdown typically at TJ 10 K lower than output 1
165
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com