Electronic Components Datasheet Search
  English  ▼

X  

L4938ED Datasheet(PDF) 10 Page - STMicroelectronics

Part # L4938ED
Description  Advanced voltage regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4938ED Datasheet(HTML) 10 Page - STMicroelectronics

Back Button L4938ED Datasheet HTML 6Page - STMicroelectronics L4938ED Datasheet HTML 7Page - STMicroelectronics L4938ED Datasheet HTML 8Page - STMicroelectronics L4938ED Datasheet HTML 9Page - STMicroelectronics L4938ED Datasheet HTML 10Page - STMicroelectronics L4938ED Datasheet HTML 11Page - STMicroelectronics L4938ED Datasheet HTML 12Page - STMicroelectronics L4938ED Datasheet HTML 13Page - STMicroelectronics L4938ED Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Electrical specifications
L4938ED, L4938EPD
10/20
Doc ID 17243 Rev 2
Table 10.
Sense comparator
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VSI
Functional range
-20
20
V
VSIT
Sense threshold voltage
Falling edge; TJ < 130 °C
1.08
1.16
1.24
V
Falling edge;
TJ < 130 to 150 °C
1.05
1.16
1.29
V
VSITH
Sense threshold hysteresis
10
30
60
mV
VSOL
Sense output low voltage
VSI ≤ 1.05 V; RSO =10KΩ
connected to 5 V; VS ≥ 5V
0.4
V
ISOH
Sense output leakage
VSO = 5 V; VSI ≥ 1.5 V
1
µA
ISI HIGH
Sense input current high
VSI = 1.1 to 7 V; TJ < 130 °C
-1
0
1
µA
VSI = 1.1 to 7 V;
TJ < 130 to 150 °C
-10
0
10
µA
ISI LOW
Sense input current low
VSI = 0 V
-20
-8
-3
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com