Electronic Components Datasheet Search
  English  ▼

X  

UM2002 Datasheet(PDF) 9 Page - Union Semiconductor, Inc.

Part # UM2002
Description  Bidirectional voltage level translator for open-drain and push-pull applications
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIONSEMI [Union Semiconductor, Inc.]
Direct Link  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

UM2002 Datasheet(HTML) 9 Page - Union Semiconductor, Inc.

Back Button UM2002 Datasheet HTML 4Page - Union Semiconductor, Inc. UM2002 Datasheet HTML 5Page - Union Semiconductor, Inc. UM2002 Datasheet HTML 6Page - Union Semiconductor, Inc. UM2002 Datasheet HTML 7Page - Union Semiconductor, Inc. UM2002 Datasheet HTML 8Page - Union Semiconductor, Inc. UM2002 Datasheet HTML 9Page - Union Semiconductor, Inc. UM2002 Datasheet HTML 10Page - Union Semiconductor, Inc. UM2002 Datasheet HTML 11Page - Union Semiconductor, Inc. UM2002 Datasheet HTML 12Page - Union Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
________________________________________________________________________
http://www.union-ic.com Rev.04 Feb.2014
9/12
UM2002
Application operating conditions
Refer to Figure 4
Symbol
Parameter
Conditions
Min
Typ
(Note 8)
Max
Unit
Vref(B)
Reference Bias Voltage (B)
Vref(A) + 0.6
2.1
5
V
VI(EN)
Input Voltage on pin EN
Vref(A) + 0.6
2.1
5
V
Vref(A)
Reference Voltage (A)
0
1.5
4.4
V
Isw(pass)
Pass Switch Current
14
mA
Iref
Reference Current
Transistor
5
μA
Tamb
Ambient Temperature
Operating
in
free-air
-40
+85
°C
Note 8: All typical values are at Tamb = 25 °C.
Sizing pull-up resistor
The pull-up resistor value needs to limit the current through the pass transistor when it is in the
ON state to about 15mA. This ensures a pass voltage of 260mV to 350mV. If the current through
the pass transistor is higher than 15mA, the pass voltage also is higher in the ON state. To set the
current through each pass transistor at 15mA, the pull-up resistor value is calculated as:
A
V
V
R
D
pu
PU
015
.
0
35
.
0
)
(
The table below summarizes resistor reference voltages and currents at 15mA, 10mA, and 3mA.
The resistor values shown in the +10 % column or a larger value should be used to ensure that the
pass voltage of the transistor would be 350 mV or less. The external driver must be able to sink
the total current from the resistors on both sides of the UM2002 device at 0.175V, although the
15mA only applies to current flowing through the UM2002 device.
Pull-up resistor values
Calculated for VOL = 0.35V; assumes output driver VOL = 0.175V at stated current.
Vpu(D)
Pull-up resistor value (Ω)
15mA
10mA
3mA
Nominal
+10 %
(Note 9)
Nominal
+10 %
(Note 9)
Nominal
+10 %
(Note 9)
5V
310
341
465
512
1550
1705
3.3V
197
217
295
325
983
1082
2.5V
143
158
215
237
717
788
1.8V
97
106
145
160
483
532
1.5V
77
85
115
127
383
422
1.2V
57
63
85
94
283
312
Note 9: +10 % to compensate for VCC range and resistor tolerance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com