Electronic Components Datasheet Search
  English  ▼

X  

UM2002 Datasheet(PDF) 2 Page - Union Semiconductor, Inc.

Part # UM2002
Description  Bidirectional voltage level translator for open-drain and push-pull applications
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIONSEMI [Union Semiconductor, Inc.]
Direct Link  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

UM2002 Datasheet(HTML) 2 Page - Union Semiconductor, Inc.

  UM2002 Datasheet HTML 1Page - Union Semiconductor, Inc. UM2002 Datasheet HTML 2Page - Union Semiconductor, Inc. UM2002 Datasheet HTML 3Page - Union Semiconductor, Inc. UM2002 Datasheet HTML 4Page - Union Semiconductor, Inc. UM2002 Datasheet HTML 5Page - Union Semiconductor, Inc. UM2002 Datasheet HTML 6Page - Union Semiconductor, Inc. UM2002 Datasheet HTML 7Page - Union Semiconductor, Inc. UM2002 Datasheet HTML 8Page - Union Semiconductor, Inc. UM2002 Datasheet HTML 9Page - Union Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
________________________________________________________________________
http://www.union-ic.com Rev.04 Feb.2014
2/12
UM2002
Pin Configurations
Top View
(Top View)
GND
VREFA
A1
A2
B2
B1
VREFB
EN
1
2
3
4
8
7
6
5
1
2
3
4
8
7
6
5
UM2002
S8
XX
XX: Week Code
UM2002S8 SOP8
(Top View)
1
GND
VREFA
A1
A2
B2
B1
VREFB
EN
2
3
4
8
7
6
5
1
2
3
4
8
7
6
5
2002U8
XX
XX: Week Code
UM2002U8 TSSOP8
Pin Description
Pin Number
Symbol
Function
1
GND
Ground (0V)
2
VREFA
Low-voltage side reference supply voltage for An
3,4
A1,A2
Low-voltage side; connected to VREFA through a pull-up
resistor
5,6
B1,B2
High-voltage side; connected to VREFB through a pull-up
resistor
7
VREFB
High-voltage side reference supply voltage for Bn
8
EN
Switch enable input; connected to VREFB and pulled-up
through a high resistor
Ordering Information
Part Number
Packaging Type
Marking Code
Shipping Qty
UM2002S8
SOP8
UM2002S8
2500pcs/13Inch
Tape & Reel
UM2002U8
TSSOP8
2002U8
3000pcs/13Inch
Tape & Reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com