Electronic Components Datasheet Search
  English  ▼

X  

2SC5006 Datasheet(PDF) 6 Page - NEC

Part # 2SC5006
Description  NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC5006 Datasheet(HTML) 6 Page - NEC

Back Button 2SC5006 Datasheet HTML 2Page - NEC 2SC5006 Datasheet HTML 3Page - NEC 2SC5006 Datasheet HTML 4Page - NEC 2SC5006 Datasheet HTML 5Page - NEC 2SC5006 Datasheet HTML 6Page - NEC 2SC5006 Datasheet HTML 7Page - NEC 2SC5006 Datasheet HTML 8Page - NEC 2SC5006 Datasheet HTML 9Page - NEC 2SC5006 Datasheet HTML 10Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
2SC5006
6
S-PARAMETER
VCE = 3 V, IC = 5 mA, ZO = 50
Ω
FREQUENCY
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
.812
–41.5
11.847
148.4
.036
64.6
.840
–27.9
200.00
.706
–80.2
10.621
127.0
.056
51.2
.634
–43.9
300.00
.629
–109.6
8.889
112.3
.066
45.3
.494
–51.4
400.00
.585
–129.8
7.349
101.8
.073
43.6
.405
–55.4
500.00
.562
–144.2
6.212
94.1
.079
43.8
.346
–57.7
600.00
.550
–154.6
5.288
88.0
.085
44.5
.303
–59.3
700.00
.544
–163.2
4.643
82.7
.091
45.1
.273
–60.6
800.00
.541
–170.2
4.102
78.1
.098
45.9
.249
–62.3
900.00
.543
–176.1
3.705
73.8
.104
47.2
.230
–63.4
1000.00
.541
178.5
3.346
69.8
.111
47.8
.216
–66.2
1100.00
.543
173.8
3.065
66.3
.119
48.0
.203
–67.4
1200.00
.548
169.1
2.835
62.8
.127
48.1
.195
–69.8
1300.00
.550
165.4
2.628
59.3
.134
48.5
.183
–72.3
1400.00
.557
161.4
2.460
56.0
.142
48.8
.176
–75.1
1500.00
.560
157.8
2.310
52.6
.149
48.2
.166
–78.7
1600.00
.568
154.4
2.184
49.7
.158
48.2
.162
–81.8
1700.00
.572
151.0
2.075
46.6
.166
47.6
.152
–87.6
1800.00
.580
148.2
1.966
43.7
.175
47.5
.149
–90.7
1900.00
.585
145.0
1.876
40.7
.183
46.7
.143
–97.9
2000.00
.594
142.1
1.784
38.0
.192
45.9
.128
–104.5
2100.00
.601
139.3
1.716
34.8
.200
45.3
.128
–112.1
2200.00
.608
136.8
1.646
32.4
.209
44.6
.124
–118.6
2300.00
.616
134.0
1.579
29.6
.218
43.7
.126
–126.7
2400.00
.620
131.5
1.520
26.9
.226
42.7
.127
–134.1
2500.00
.629
129.2
1.469
24.3
.235
41.8
.130
–142.4
2600.00
.638
126.7
1.418
21.7
.244
40.7
.133
–149.2
2700.00
.645
124.5
1.368
19.4
.253
39.6
.141
–157.4
2800.00
.653
122.1
1.326
16.8
.262
38.5
.147
–163.5
2900.00
.659
120.1
1.280
14.5
.271
37.4
.157
–170.6
3000.00
.669
118.1
1.249
12.2
.281
36.0
.165
–175.6
VCE = 3 V, IC = 3 mA, ZO = 50
Ω
FREQUENCY
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
.931
–29.1
5.571
155.3
.042
70.0
.933
–16.3
200.00
.857
–56.6
5.450
138.3
.071
55.4
.813
–28.4
300.00
.790
–81.9
5.078
124.1
.088
45.7
.698
–35.7
400.00
.736
–102.8
4.587
112.7
.098
39.2
.613
–40.5
500.00
.696
–120.2
4.161
103.1
.104
35.4
.548
–43.5
600.00
.669
–133.4
3.667
95.2
.107
32.4
.499
–45.8
700.00
.647
–144.9
3.340
88.3
.110
31.2
.464
–47.7
800.00
.635
–154.5
3.015
82.4
.112
30.8
.437
–49.5
900.00
.628
–162.4
2.768
77.1
.115
31.0
.415
–51.0
1000.00
.619
–169.7
2.534
72.2
.116
31.2
.398
–53.6
1100.00
.619
–175.5
2.333
67.8
.118
31.8
.384
–55.4
1200.00
.621
178.8
2.179
63.9
.120
32.9
.374
–57.7
1300.00
.621
173.8
2.026
59.9
.123
34.2
.365
–59.8
1400.00
.623
169.1
1.901
55.9
.126
35.7
.356
–62.7
1500.00
.626
164.7
1.790
52.2
.129
36.6
.346
–65.5
1600.00
.632
160.7
1.700
48.7
.133
38.2
.341
–68.8
1700.00
.635
156.6
1.620
45.1
.138
39.4
.331
–72.3
1800.00
.641
153.3
1.538
42.4
.145
41.0
.328
–75.5
1900.00
.645
149.5
1.462
38.8
.151
41.8
.319
–80.1
2000.00
.653
146.1
1.402
35.8
.158
42.7
.305
–83.8
2100.00
.660
142.8
1.350
32.7
.165
43.3
.301
–88.9
2200.00
.664
139.9
1.295
30.0
.173
44.2
.297
–93.5
2300.00
.671
136.7
1.245
26.9
.182
44.3
.294
–99.0
2400.00
.676
133.8
1.199
24.0
.191
44.4
.291
–104.1
2500.00
.684
131.2
1.158
21.5
.201
44.5
.289
–110.0
2600.00
.690
128.3
1.118
18.7
.210
44.2
.287
–115.2
2700.00
.696
125.9
1.079
16.3
.221
43.7
.289
–121.9
2800.00
.705
123.3
1.048
13.7
.233
43.1
.289
–127.6
2900.00
.709
121.0
1.009
11.3
.243
42.4
.294
–134.0
3000.00
.717
118.6
.983
9.1
.255
41.6
.298
–139.4



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com