Electronic Components Datasheet Search
  English  ▼

X  

2SC5006 Datasheet(PDF) 8 Page - NEC

Part # 2SC5006
Description  NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC5006 Datasheet(HTML) 8 Page - NEC

Back Button 2SC5006 Datasheet HTML 2Page - NEC 2SC5006 Datasheet HTML 3Page - NEC 2SC5006 Datasheet HTML 4Page - NEC 2SC5006 Datasheet HTML 5Page - NEC 2SC5006 Datasheet HTML 6Page - NEC 2SC5006 Datasheet HTML 7Page - NEC 2SC5006 Datasheet HTML 8Page - NEC 2SC5006 Datasheet HTML 9Page - NEC 2SC5006 Datasheet HTML 10Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
2SC5006
8
S-PARAMETER
VCE = 1 V, IC = 3 mA, ZO = 50
Ω
FREQUENCY
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
.917
–34.1
5.513
151.3
.059
67.2
.900
–23.1
200.00
.829
–66.1
5.260
133.1
.095
49.7
.740
–39.7
300.00
.764
–93.7
4.746
117.9
.115
39.8
.602
–49.8
400.00
.718
–115.3
4.195
106.1
.125
33.8
.505
–56.5
500.00
.691
–132.2
3.715
96.7
.131
29.9
.437
–61.3
600.00
.670
–144.4
3.234
89.0
.134
27.4
.385
–65.0
700.00
.659
–154.8
2.902
82.3
.137
26.0
.349
–68.3
800.00
.651
–163.1
2.601
76.6
.138
25.2
.320
–71.7
900.00
.650
–170.2
2.373
71.4
.140
25.1
.299
–74.6
1000.00
.645
–176.5
2.165
66.6
.143
25.3
.284
–78.2
1100.00
.646
178.2
1.987
62.3
.144
26.0
.268
–81.7
1200.00
.651
173.1
1.854
57.9
.146
26.7
.261
–85.0
1300.00
.651
168.6
1.725
53.9
.149
27.7
.251
–88.8
1400.00
.656
164.1
1.621
49.9
.152
28.7
.246
–92.9
1500.00
.657
160.2
1.523
46.3
.157
29.7
.236
–97.6
1600.00
.665
156.5
1.448
43.1
.162
30.7
.237
–102.4
1700.00
.668
152.6
1.376
39.2
.167
31.4
.231
–108.3
1800.00
.675
149.4
1.309
36.3
.172
32.9
.233
–112.5
1900.00
.679
146.0
1.249
32.8
.178
33.2
.231
–119.3
2000.00
.687
142.7
1.194
29.8
.184
33.6
.224
–126.5
2100.00
.695
139.6
1.148
26.6
.192
34.0
.231
–132.8
2200.00
.699
136.7
1.105
23.9
.199
34.4
.234
–138.6
2300.00
.705
133.8
1.062
21.1
.208
34.5
.242
–144.9
2400.00
.708
131.1
1.021
18.2
.216
34.6
.248
–150.5
2500.00
.717
128.5
.988
15.8
.226
34.5
.259
–156.3
2600.00
.724
125.9
.953
13.1
.236
33.9
.265
–162.0
2700.00
.728
123.3
.918
10.9
.245
33.4
.280
–167.7
2800.00
.736
120.8
.891
8.4
.257
32.7
.291
–173.0
2900.00
.739
118.6
.860
6.3
.265
32.1
.306
–178.0
3000.00
.747
116.4
.838
4.1
.277
31.2
.317
177.5
VCE = 1 V, IC = 1 mA, ZO = 50
Ω
FREQUENCY
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
.976
–23.4
1.919
159.5
.064
73.8
.968
–11.6
200.00
.939
–46.9
1.964
141.9
.115
58.7
.906
–21.4
300.00
.896
–68.6
1.916
127.2
.152
46.5
.830
–29.0
400.00
.856
–87.7
1.803
114.8
.175
36.7
.765
–35.0
500.00
.826
–104.5
1.720
104.3
.189
29.1
.709
–39.7
600.00
.799
–118.3
1.556
94.5
.195
22.4
.664
–43.8
700.00
.778
–130.8
1.482
86.2
.198
17.5
.630
–47.4
800.00
.762
–141.5
1.384
78.7
.197
13.1
.603
–50.8
900.00
.751
–150.6
1.309
72.2
.194
9.9
.583
–54.2
1000.00
.741
–159.1
1.229
65.9
.190
6.7
.564
–58.0
1100.00
.737
–166.2
1.152
60.5
.184
5.2
.552
–61.5
1200.00
.740
–172.7
1.089
55.3
.176
3.4
.544
–65.2
1300.00
.737
–178.6
1.021
50.4
.168
2.7
.535
–68.9
1400.00
.740
175.8
.969
45.7
.162
2.7
.530
–73.2
1500.00
.740
170.9
.918
41.6
.154
3.3
.520
–77.4
1600.00
.745
166.2
.875
37.7
.146
4.8
.520
–81.9
1700.00
.746
161.4
.835
33.8
.140
6.5
.513
–86.8
1800.00
.752
157.3
.797
30.6
.135
10.6
.513
–91.3
1900.00
.755
153.1
.764
27.0
.132
14.1
.507
–97.1
2000.00
.762
149.1
.735
23.9
.131
18.5
.498
–102.6
2100.00
.767
145.3
.701
21.1
.133
23.1
.501
–108.4
2200.00
.771
141.9
.676
18.7
.138
27.8
.502
–114.0
2300.00
.778
138.4
.648
16.1
.145
31.9
.504
–120.1
2400.00
.778
135.0
.623
13.8
.155
35.1
.505
–125.8
2500.00
.785
131.9
.602
11.9
.166
37.5
.511
–132.0
2600.00
.790
128.7
.582
9.9
.180
39.3
.511
–137.9
2700.00
.792
125.9
.562
8.4
.194
40.5
.522
–144.2
2800.00
.797
122.9
.546
6.8
.210
40.5
.524
–150.1
2900.00
.800
120.1
.528
5.6
.225
40.2
.535
–156.2
3000.00
.804
117.5
.516
4.7
.243
39.6
.540
–161.7



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com