Electronic Components Datasheet Search
  English  ▼

X  

ACR400SE Datasheet(PDF) 4 Page - Dynex Semiconductor

Part # ACR400SE
Description  Fast Turn-off Asymmetric Thyristor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

ACR400SE Datasheet(HTML) 4 Page - Dynex Semiconductor

  ACR400SE Datasheet HTML 1Page - Dynex Semiconductor ACR400SE Datasheet HTML 2Page - Dynex Semiconductor ACR400SE Datasheet HTML 3Page - Dynex Semiconductor ACR400SE Datasheet HTML 4Page - Dynex Semiconductor ACR400SE Datasheet HTML 5Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
ACR400SE
4/5
PACKAGE DETAILS
For further package information, please contact your local Customer Service Centre. All dimensions in mm, unless stated otherwise.
DO NOT SCALE.
2 holes Ø3.6
± 0.1 x 2.0 ± 0.1 deep
(One in each electrode)
Cathode
Anode
Ø25nom.
Ø42max
Ø25nom.
Gate
Nominal weight: 82g
Clamping force: 8kN
±10%
Lead length: 420mm
Lead terminal connector: M4 ring
Package outine type code: E
Cathode tab
ASSOCIATED PUBLICATIONS
Title
Application Note
Number
Calculating the junction temperature or power semiconductors
AN4506
Gate triggering and the use of gate characteristics
AN4840
Recommendations for clamping power semiconductors
AN4839
The effect of temperature on thyristor performance
AN4870
Thyristor and diode measurement with a multi-meter
AN4853
Turn-on performance of thyristors in parallel
AN4999
Use of V
TO
, r
T
on-state characteristic
AN5001



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com