Electronic Components Datasheet Search
  English  ▼

X  

SA85A Datasheet(PDF) 5 Page - Vishay Siliconix

Part # SA85A
Description  TRANSZORB Transient Voltage Suppressors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SA85A Datasheet(HTML) 5 Page - Vishay Siliconix

  SA85A Datasheet HTML 1Page - Vishay Siliconix SA85A Datasheet HTML 2Page - Vishay Siliconix SA85A Datasheet HTML 3Page - Vishay Siliconix SA85A Datasheet HTML 4Page - Vishay Siliconix SA85A Datasheet HTML 5Page - Vishay Siliconix SA85A Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
SA5.0A thru SA170CA
www.vishay.com
Vishay General Semiconductor
Revision: 18-Sep-12
5
Document Number: 88378
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 11 - Typical Instantaneous Forward Voltage
Fig. 12 - Breakdown Voltage Temperature Coefficient Curve
PACKAGE OUTLINE DIMENSIONS in inches (millimeters)
VF - Forward Voltage (V)
0.5
1
1.5
2.5
0.1
2
10
100
Uni-Directional Only
20
1
0.2
0
2
T
J = 25 °C
Pulse Width = 300 µs
1 % Duty Cycle
VWM - Rated Stand-Off Voltage (V)
5.0
10
100
500
1.0
10
100
200
Uni-Directional
Bi-Directional
DO-204AC (DO-15)
0.034 (0.86)
0.028 (0.71)
DIA.
0.140 (3.6)
0.104 (2.6)
DIA.
1.0 (25.4)
MIN.
0.300 (7.6)
0.230 (5.8)
1.0 (25.4)
MIN.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com