Electronic Components Datasheet Search
  English  ▼

X  

SA85A Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SA85A
Description  TRANSZORB Transient Voltage Suppressors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SA85A Datasheet(HTML) 1 Page - Vishay Siliconix

  SA85A Datasheet HTML 1Page - Vishay Siliconix SA85A Datasheet HTML 2Page - Vishay Siliconix SA85A Datasheet HTML 3Page - Vishay Siliconix SA85A Datasheet HTML 4Page - Vishay Siliconix SA85A Datasheet HTML 5Page - Vishay Siliconix SA85A Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SA5.0A thru SA170CA
www.vishay.com
Vishay General Semiconductor
Revision: 18-Sep-12
1
Document Number: 88378
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TRANSZORB® Transient Voltage Suppressors
DEVICES FOR BI-DIRECTION APPLICATIONS
For bi-directional types, use CA suffix (e.g. SA5.0CA,
SA170CA).
Electrical characteristics apply in both directions.
FEATURES
• Glass passivated chip junction
• Available in uni-directional and bi-directional
• 500 W peak pulse power capability with a
10/1000 μs waveform, repetitive rate (duty
cycle): 0.01 %
• Excellent clamping capability
• Very fast response time
• Low incremental surge resistance
• Solder dip 275 °C max. 10 s, per JESD 22-B106
• AEC-Q101 qualified
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
TYPICAL APPLICATIONS
Use in sensitive electronics protection against voltage
transients induced by inductive load switching and lighting
on ICs, MOSFET, signal lines of sensor units for consumer,
computer, industrial, and telecommunication.
MECHANICAL DATA
Case: DO-204AC, molded epoxy over passivated chip
Molding compound meets UL 94 V-0 flammability rating
Base P/N-E3 - RoHS compliant, commercial grade
Base P/NHE3 - RoHS compliant, AEC-Q101 qualified
Terminals:
Matte
tin
plated
leads,
solderable
per
J-STD-002 and JESD 22-B102
E3 suffix meets JESD 201 class 1A whisker test, HE3 suffix
meets JESD 201 class 2 whisker test
Polarity: For uni-directional types the color band denotes
cathode end, no marking on bi-directional types
Notes
(1) Non-repetitive current pulse, per fig. 3 and derated above TA = 25 °C per fig. 2
(2) 8.3 ms single half sine-wave or equivalent square wave, duty cycle = 4 pulses per minute maximum
PRIMARY CHARACTERISTICS
VWM
5.0 V to 170 V
VBR (uni-directional)
6.4 V to 209 V
VBR (bi-directional)
6.4 V to 209 V
PPPM
500 W
PD
3.0 W
IFSM (uni-directional only)
70 A
TJ max.
175 °C
Polarity
Uni-directional, bi-directional
Package
DO-204AC (DO-15)
DO-204AC (DO-15)
MAXIMUM RATINGS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
VALUE
UNIT
Peak pulse power dissipation with a 10/1000 μs waveform (1) (fig. 1)
PPPM
500
W
Peak pulse current with a 10/1000 μs waveform (1)
IPPM
See next table
A
Power dissipation on infinite heatsink at TL = 75 °C (fig. 5)
PD
3.0
W
Peak forward surge current 10 ms single half sine-wave uni-directional only
IFSM
70
A
Maximum instantaneous forward voltage at 100 A for uni-directional only (3)
VF
3.5
V
Operating junction and storage temperature range
TJ, TSTG
- 55 to + 175
°C


Similar Part No. - SA85A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SA85A MOTOROLA-SA85A Datasheet
50Kb / 3P
MOSORB ZENER OVERVOLTAGE TRANSIENT SUPPRESSORS
logo
Pan Jit International I...
SA85A PANJIT-SA85A Datasheet
169Kb / 6P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 500 Watt Peak Pulse Power)
logo
Won-Top Electronics
SA85A WTE-SA85A Datasheet
68Kb / 5P
500W TRANSIENT VOLTAGE SUPPRESSORS
logo
Bytes
SA85A BYTES-SA85A Datasheet
313Kb / 4P
500 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
logo
Dc Components
SA85A DCCOM-SA85A Datasheet
792Kb / 4P
TECHNICAL SPECIFICATIONS OF TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - SA85A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
1.5KE6.8 VISHAY-1.5KE6.8 Datasheet
115Kb / 8P
TRANSZORB Transient Voltage Suppressors
20-Jun-06
BZW04P-5V8 VISHAY-BZW04P-5V8_11 Datasheet
393Kb / 6P
TransZorb Transient Voltage Suppressors
12-Jul-11
TGL41-33A-E3-96 VISHAY-TGL41-33A-E3-96 Datasheet
88Kb / 5P
TRANSZorb Transient Voltage Suppressors
11-Dec-12
5KP33AHE3-54 VISHAY-5KP33AHE3-54 Datasheet
88Kb / 5P
TRANSZORB Transient Voltage Suppressors
20-Nov-12
ICTE5 VISHAY-ICTE5_12 Datasheet
89Kb / 5P
TRANSZORB Transient Voltage Suppressors
18-Sep-12
5KP24A-E3 VISHAY-5KP24A-E3 Datasheet
88Kb / 5P
TRANSZORB Transient Voltage Suppressors
20-Nov-12
P6KE47A-E3 VISHAY-P6KE47A-E3 Datasheet
93Kb / 6P
TRANSZORB Transient Voltage Suppressors
18-Sep-12
P6KE22A-E3 VISHAY-P6KE22A-E3 Datasheet
324Kb / 16P
TRANSZORB Transient Voltage Suppressors
22-Oct-08
P6KE170CA-E3 VISHAY-P6KE170CA-E3 Datasheet
93Kb / 6P
TRANSZORB Transient Voltage Suppressors
18-Sep-12
P6KE43CA-E3 VISHAY-P6KE43CA-E3 Datasheet
93Kb / 6P
TRANSZORB Transient Voltage Suppressors
18-Sep-12
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com