Electronic Components Datasheet Search
  English  ▼

X  

ACR44U Datasheet(PDF) 1 Page - Dynex Semiconductor

Part # ACR44U
Description  Fast Turn-off Asymmetric Thyristor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

ACR44U Datasheet(HTML) 1 Page - Dynex Semiconductor

  ACR44U Datasheet HTML 1Page - Dynex Semiconductor ACR44U Datasheet HTML 2Page - Dynex Semiconductor ACR44U Datasheet HTML 3Page - Dynex Semiconductor ACR44U Datasheet HTML 4Page - Dynex Semiconductor ACR44U Datasheet HTML 5Page - Dynex Semiconductor ACR44U Datasheet HTML 6Page - Dynex Semiconductor ACR44U Datasheet HTML 7Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
ACR44U
1/7
APPLICATIONS
s High Frequency Applications
s Regulated Power Supplies
s Capacitor Discharge
s Ultrasonic Generators
s Induction Heating
FEATURES
s The ACR44U is a glass passivated asymmetric
thyristor which has exceptionally fast turn-off capabilities
combined with good turn-on characteristics.
VOLTAGE RATINGS
KEY PARAMETERS
V
DRM
1600V
I
T(AV)
44A
I
TSM
550A
dVdt*
600V/
µs
dI/dt
2000A/
µs
t
q
6.0
µs
1600
1400
1200
1000
800
ACR44U 16LE
ACR44U 14LE
ACR44U 12LE
ACR44U 10LE
ACR44U 08LE
Repetitive Peak
Reverse Voltage
V
RRM
V
2
2
2
2
2
Lower voltage grades available.
Type Number
Repetitive Peak
Off-state Voltage
V
DRM
V
Outline type code: SO28.
See Package Details for further information.
CURRENT RATINGS
Symbol
Parameter
Conditions
Units
Max.
I
T(AV)
Mean on-state current
I
T(RMS)
RMS value
I
T
Continuous (direct) on-state current
Half wave resistive load, T
case = 80
oC44
A
T
case = 70
oC69
A
T
case = 85
oC57
A
*dV/dt Available to 1000V/
µs
ACR44U
Fast Turn-off Asymmetric Thyristor
Advance Information
Replaces March 1998 version, DS4222-3.4
DS4222-4.0 January 2000


Similar Part No. - ACR44U

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ACR4006X ABRACON-ACR4006X Datasheet
1Mb / 11P
5G NR/ 4G/ LTE Ceramic Chip Antenna
REVISED: 10-01-20
ACR4006X-EVB ABRACON-ACR4006X-EVB Datasheet
665Kb / 3P
Evaluation Board - 5G NR/ 4G/ LTE Ceramic Chip Antenna
10-01-20
logo
Dynex Semiconductor
ACR400SE DYNEX-ACR400SE Datasheet
37Kb / 5P
Fast Turn-off Asymmetric Thyristor
ACR400SE12 DYNEX-ACR400SE12 Datasheet
37Kb / 5P
Fast Turn-off Asymmetric Thyristor
ACR400SE14 DYNEX-ACR400SE14 Datasheet
37Kb / 5P
Fast Turn-off Asymmetric Thyristor
More results

Similar Description - ACR44U

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
ACR400SE DYNEX-ACR400SE Datasheet
37Kb / 5P
Fast Turn-off Asymmetric Thyristor
MAS110S DYNEX-MAS110S Datasheet
67Kb / 9P
Fast Turn-off Asymmetric Thyristor/Diode Module
logo
List of Unclassifed Man...
ACR25U04LG ETC-ACR25U04LG Datasheet
356Kb / 8P
Fast turn-off asymmetric thyristor
logo
ABB
5SGA06D4502 ABB-5SGA06D4502 Datasheet
391Kb / 5P
Asymmetric Gate turn-off Thyristor
5SGA15F2502 ABB-5SGA15F2502 Datasheet
314Kb / 9P
Asymmetric Gate turn-off Thyristor
5SGA30J4502 ABB-5SGA30J4502 Datasheet
365Kb / 9P
Asymmetric Gate turn-off Thyristor
5SGF40L4502 ABB-5SGF40L4502 Datasheet
344Kb / 9P
Asymmetric Gate turn-off Thyristor
5SGA40L4501 ABB-5SGA40L4501 Datasheet
245Kb / 9P
Asymmetric Gate turn-off Thyristor
5SGA30J4505 ABB-5SGA30J4505 Datasheet
238Kb / 10P
Asymmetric Gate turn-off Thyristor
logo
Dynex Semiconductor
ACR300SG33 DYNEX-ACR300SG33_06 Datasheet
129Kb / 7P
Fast Turn-on Asymmetric Thyristor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com