Electronic Components Datasheet Search
  English  ▼

X  

ACR44U Datasheet(PDF) 4 Page - Dynex Semiconductor

Part # ACR44U
Description  Fast Turn-off Asymmetric Thyristor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

ACR44U Datasheet(HTML) 4 Page - Dynex Semiconductor

  ACR44U Datasheet HTML 1Page - Dynex Semiconductor ACR44U Datasheet HTML 2Page - Dynex Semiconductor ACR44U Datasheet HTML 3Page - Dynex Semiconductor ACR44U Datasheet HTML 4Page - Dynex Semiconductor ACR44U Datasheet HTML 5Page - Dynex Semiconductor ACR44U Datasheet HTML 6Page - Dynex Semiconductor ACR44U Datasheet HTML 7Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
ACR44U
4/7
CURVES
1.0
2.0
3.0
4.0
Instantaneous on-state voltage V
T - (V)
200
150
100
50
0
Measured under pulse
conditions
T
j = 25˚C
250
T
j = 125˚C
0.01
0.1
1.0
10
Gate trigger current I
G - (A)
100
10
1.0
0.1
Lower
limit
1%
Upper
limit
99%
Fig.1 Maximum (limit) on-state characteristics
Fig.2 Gate characteristics



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com