Electronic Components Datasheet Search
  English  ▼

X  

SG2002 Datasheet(PDF) 5 Page - Microsemi Corporation

Part # SG2002
Description  HIGH VOLTAGE MEDIUM CURRENT DRIVER ARRAYS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

SG2002 Datasheet(HTML) 5 Page - Microsemi Corporation

  SG2002 Datasheet HTML 1Page - Microsemi Corporation SG2002 Datasheet HTML 2Page - Microsemi Corporation SG2002 Datasheet HTML 3Page - Microsemi Corporation SG2002 Datasheet HTML 4Page - Microsemi Corporation SG2002 Datasheet HTML 5Page - Microsemi Corporation SG2002 Datasheet HTML 6Page - Microsemi Corporation SG2002 Datasheet HTML 7Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Rev 1.3b
Copyright
© 1997
11861 Western Avenue
∞
∞
∞
∞
∞ Garden Grove, CA 92841
5
(714) 898-8121
∞
∞
∞
∞
∞ FAX: (714) 893-2570
Parameter
Units
Min. Typ. Max.
Limits
Test Conditions
Applicable
Devices
Temp.
ELECTRICAL CHARACTERISTICS (continued)
SG2021 thru SG2024
V
CE = 95V
V
CE = 95V, VIN = 1V
I
C = 350mA, IB = 850µA
I
C = 200mA, IB = 550µA
I
C = 100mA, IB = 350µA
I
C = 350mA, IB = 500µA
I
C = 200mA, IB = 350µA
I
C = 100mA, IB = 250µA
I
C = 350mA, IB = 500µA
I
C = 200mA, IB = 350µA
I
C = 100mA, IB = 250µA
V
IN = 3.85V
V
IN = 5V
V
IN = 12V
I
C = 500µA
V
CE = 2V, IC = 300mA
V
CE = 2V, IC = 200mA
V
CE = 2V, IC = 250mA
V
CE = 2V, IC = 300mA
V
CE = 2V, IC = 200mA
V
CE = 2V, IC = 250mA
V
CE = 2V, IC = 300mA
V
CE = 2V, IC = 125mA
V
CE = 2V, IC = 200mA
V
CE = 2V, IC = 275mA
V
CE = 2V, IC = 350mA
V
CE = 2V, IC = 125mA
V
CE = 2V, IC = 200mA
V
CE = 2V, IC = 275mA
V
CE = 2V, IC = 350mA
V
CE = 2V, IC = 350mA
V
CE = 2V, IC = 350mA
0.5 E
IN to 0.5 EOUT
0.5 E
IN to 0.5 EOUT
V
R = 95V
I
F = 350mA
T
A = TMIN
T
A = TMIN
T
A = TMIN
T
A = 25°C
T
A = 25°C
T
A = 25°C
T
A = TMAX
T
A = TMAX
T
A = TMAX
T
A = TMAX
T
A = TMAX
T
A = TMIN
T
A = TMIN
T
A = TMIN
T
A = TMAX
T
A = TMAX
T
A = TMAX
T
A = TMIN
T
A = TMIN
T
A = TMIN
T
A = TMIN
T
A = TMAX
T
A = TMAX
T
A = TMAX
T
A = TMAX
T
A = TMIN
T
A = 25°C
T
A = 25°C
T
A = 25°C
T
A = 25°C
All
SG2024
All
SG2023
SG2024
All
SG2023
SG2024
SG2021
All
All
All
All
All
Output Leakage Current (I
CEX)
Collector - Emitter (V
CE(SAT))
Input Current (I
IN(ON))
(I
IN(OFF))
Input Voltage (V
IN(ON))
D-C Forward Current
Transfer Ratio (h
FE)
Input Capacitance (C
IN)
(Note 3)
Turn-On Delay (TPLH)
Turn-Off Delay (TPHL)
Clamp Diode Leakage Current (I
R)
Clamp Diode Forward Voltage (V
F)
650
240
650
25
500
1000
1.6
1.3
1.1
1.25
1.1
0.9
1.6
1.3
1.1
930
350
1000
50
15
250
250
1.7
100
500
1.8
1.5
1.3
1.6
1.3
1.1
1.8
1.5
1.3
1350
500
1450
13
3.3
3.6
3.9
2.4
2.7
3.0
6.0
8.0
10
12
5.0
6.0
7.0
8.0
25
1000
1000
50
2.0
µA
µA
V
V
V
V
V
V
V
V
V
µA
µA
µA
µA
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
pF
ns
ns
µA
V
Note 3. These parameters, although guaranteed, are not tested in production.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com