Electronic Components Datasheet Search
  English  ▼

X  

SG2002 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # SG2002
Description  HIGH VOLTAGE MEDIUM CURRENT DRIVER ARRAYS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

SG2002 Datasheet(HTML) 1 Page - Microsemi Corporation

  SG2002 Datasheet HTML 1Page - Microsemi Corporation SG2002 Datasheet HTML 2Page - Microsemi Corporation SG2002 Datasheet HTML 3Page - Microsemi Corporation SG2002 Datasheet HTML 4Page - Microsemi Corporation SG2002 Datasheet HTML 5Page - Microsemi Corporation SG2002 Datasheet HTML 6Page - Microsemi Corporation SG2002 Datasheet HTML 7Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Rev 1.3b 4/7/2005
Microsemi Inc.
Copyright
© 1997
11861 Western Avenue
∞
∞
∞
∞
∞ Garden Grove, CA 92841
1
(714) 898-8121
∞
∞
∞
∞
∞ FAX: (714) 893-2570
DESCRIPTION
The SG2000 series integrates seven NPN Darlington pairs with
internal suppression diodes to drive lamps, relays, and solenoids in
many military, aerospace, and industrial applications that require
severe environments. All units feature open collector outputs with
greater than 50V breakdown voltages combined with 500mA
current carrying capabilities. Five different input configurations
provide optimized designs for interfacing with DTL, TTL, PMOS, or
CMOS drive signals. These devices are designed to operate from
-55°C to 125°C ambient temperature in a 16 pin dual in line ceramic
(J) package and 20 pin Leadless Chip Carrier (LCC). The plastic
dual in–line (N) is designed to operate over the commercial
temperature range of 0
°C to 70°C.
FEATURES
••••• Seven npn Darlington pairs
••••• -55°C to 125°C ambient operating temperature range
••••• Collector currents to 600mA
••••• Output voltages from 50V to 95V
••••• Internal clamping diodes for inductive loads
••••• DTL, TTL, PMOS, or CMOS compatible inputs
••••• Hermetic ceramic package
HIGH RELIABILITY FEATURES
♦
♦
♦
♦
♦ Available to MIL-STD-883 and DESC SMD
♦
♦
♦
♦
♦ MIL-M38510/14101BEA - JAN2001J
♦
♦
♦
♦
♦ MIL-M38510/14102BEA - JAN2002J
♦
♦
♦
♦
♦ MIL-M38510/14103BEA - JAN2003J
♦
♦
♦
♦
♦ MIL-M38510/14104BEA - JAN2004J
♦
♦
♦
♦
♦ Radiation data available
♦
♦
♦
♦
♦ LMI level "S" processing available
HIGH VOLTAGE MEDIUM
CURRENT DRIVER ARRAYS
PARTIAL SCHEMATICS
SG2000 Series


Similar Part No. - SG2002

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SG2002 MICROSEMI-SG2002 Datasheet
98Kb / 7P
HIGH VOLTAGE MEDIUM CURRENT DRIVER ARRAYS
logo
SG Micro Corp
SG2002 SGMICRO-SG2002 Datasheet
588Kb / 11P
300mA, Low Power, Low Noise Low Dropout, Linear Regulators
logo
Microsemi Corporation
SG2002 MICROSEMI-SG2002 Datasheet
242Kb / 7P
HIGH VOLTAGE MEDIUM CURRENT DRIVER ARRAYS
SG2002 MICROSEMI-SG2002 Datasheet
194Kb / 7P
HIGH VOLTAGE MEDIUM CURRENT DRIVER ARRAYS
logo
SG Micro Corp
SG2002-1.5 SGMICRO-SG2002-1.5 Datasheet
588Kb / 11P
300mA, Low Power, Low Noise Low Dropout, Linear Regulators
More results

Similar Description - SG2002

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SG2000 MICROSEMI-SG2000 Datasheet
98Kb / 7P
HIGH VOLTAGE MEDIUM CURRENT DRIVER ARRAYS
SG2800 MICROSEMI-SG2800 Datasheet
102Kb / 7P
HIGH VOLTAGE MEDIUM CURRENT DRIVER ARRAYS
SG2003J MICROSEMI-SG2003J Datasheet
110Kb / 7P
HIGH VOLTAGE MEDIUM CURRENT DRIVER ARRAYS
SG2000 MICROSEMI-SG2000_1 Datasheet
242Kb / 7P
HIGH VOLTAGE MEDIUM CURRENT DRIVER ARRAYS
SG2800 MICROSEMI-SG2800_1 Datasheet
253Kb / 7P
HIGH VOLTAGE MEDIUM CURRENT DRIVER ARRAYS
SG2003J-883B MICROSEMI-SG2003J-883B Datasheet
242Kb / 7P
HIGH VOLTAGE MEDIUM CURRENT DRIVER ARRAYS
SG2013J MICROSEMI-SG2013J Datasheet
194Kb / 7P
HIGH VOLTAGE MEDIUM CURRENT DRIVER ARRAYS
SG2803J-883B MICROSEMI-SG2803J-883B Datasheet
238Kb / 7P
HIGH VOLTAGE MEDIUM CURRENT DRIVER ARRAYS
SG2823J MICROSEMI-SG2823J Datasheet
253Kb / 7P
HIGH VOLTAGE MEDIUM CURRENT DRIVER ARRAYS
SG2802J MICROSEMI-SG2802J Datasheet
253Kb / 7P
HIGH VOLTAGE MEDIUM CURRENT DRIVER ARRAYS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com