Electronic Components Datasheet Search
  English  ▼

X  

AT-357-SMA Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # AT-357-SMA
Description  GaAs Digital Attenuator
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

AT-357-SMA Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  AT-357-SMA Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. AT-357-SMA Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. AT-357-SMA Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
2
GaAs Digital Attenuator
31 dB, 5 - Bit, DC - 2 GHz
Rev. V4
AT-357
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Functional Schematic (Top View)
Absolute Maximum Ratings
4
4. Operation of this device above any one of these parameters
may cause permanent damage.
Parameter
Absolute Maximum
Max Input Power
0.05 GHz
0.5 - 2.0 GHz
+27 dBm
+32 dBm
Bias Votlage
+15V Supply (V+)
-12V Supply (V-)
-0.7V to +18V
-15V to +0.7V
Control Votlage
(V-) -2V to (V+) +2V
(or 30 mA, whichever comes first)
Operating Temperature
-55°C to +125°C
Storage Temperature
-65°C to +150°C
Parameter
Test Conditions
Frequency
Units
Min
Typ
Max
Bias Power
+15 VDC
-12 VDC
—
—
mA
mA
—
—
—
—
5
3
Vin Low (0)
Vin High (1)
0.0 to 0.8V
2.4 to 5.0V
—
—
µA
µA
—
—
—
—
1
1
Electrical Specifications
1: T
A = -55°C to +85°C
Truth Table
Control Input
Attenuation
Setting
C1
C2
C3
C4
C5
0
0
0
0
0
Reference
1
0
0
0
0
1 dB
0
1
0
0
0
2 dB
0
0
1
0
0
4 dB
0
0
0
1
0
8 dB
0
0
0
0
1
16 dB
Any Combination
Sum of Bits Selected
“1” = Logic High (TTL)
“0” = Logic Low (TTL)
RF1
RF2
16 dB
8 dB
4 dB
2 dB
1 dB
C1
C2
C3
C4
C5
+15V
-12V
GND
GND
GND
GND



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com