Electronic Components Datasheet Search
  English  ▼

X  

AT-357-SMA Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # AT-357-SMA
Description  GaAs Digital Attenuator
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

AT-357-SMA Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  AT-357-SMA Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. AT-357-SMA Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. AT-357-SMA Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
3
GaAs Digital Attenuator
31 dB, 5 - Bit, DC - 2 GHz
Rev. V4
AT-357
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Typical Performance Curves
Ref. Insertion Loss vs. Frequency
Attenuation Flatness vs. Frequency
VSWR vs. Frequency
Ordering Information
Part Number
Package
AT-357 SMA
C-46
1
2
3
4
5
6
0.00
0.25
0.50
0.75
1.00
Fre que nc y ( G Hz)
-1
-0.5
0
0.5
1
0.00
0.25
0.50
0.75
1.00
F re que nc y ( G H z)
3 1 d B
1, 2 , 4 , 8 , 16 d B
1.00
1.20
1.40
1.60
1.80
2.00
0.00
0.50
1.00
1.50
2.00
F re que nc y ( G H z)
Inser t i o n Lo ss and 1 d B B i t
A t t enuat io n o f 2 d B and Gr eat er



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com