Electronic Components Datasheet Search
  English  ▼

X  

DK1306FWM Datasheet(PDF) 9 Page - Dynex Semiconductor

Part # DK1306FWM
Description  Fast Switching Thyristor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

DK1306FWM Datasheet(HTML) 9 Page - Dynex Semiconductor

Back Button DK1306FWM Datasheet HTML 5Page - Dynex Semiconductor DK1306FWM Datasheet HTML 6Page - Dynex Semiconductor DK1306FWM Datasheet HTML 7Page - Dynex Semiconductor DK1306FWM Datasheet HTML 8Page - Dynex Semiconductor DK1306FWM Datasheet HTML 9Page - Dynex Semiconductor DK1306FWM Datasheet HTML 10Page - Dynex Semiconductor DK1306FWM Datasheet HTML 11Page - Dynex Semiconductor DK1306FWM Datasheet HTML 12Page - Dynex Semiconductor DK1306FWM Datasheet HTML 13Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
9/13
www.dynexsemi.com
DK13..FW
NOTES:
1. dI/dt = 50A/
µs
2. V
D ≤
600V.
3. V
R ≤
10V.
4. R.C Snubber, C = 0.22
µF, R = 4.7Ω
NOTES:
1. dI/dt = 50A/
µs
2. V
D ≤
600V.
3. V
R ≤
10V.
4. R.C Snubber, C = 0.22
µF, R = 4.7Ω
Fig.13 Energy per pulse for trapezoidal pulses
Fig.14 Maximum allowable peak on-state current vs pulse width for T
case
= 65˚C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com