Electronic Components Datasheet Search
  English  ▼

X  

DK1306FWM Datasheet(PDF) 3 Page - Dynex Semiconductor

Part # DK1306FWM
Description  Fast Switching Thyristor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

DK1306FWM Datasheet(HTML) 3 Page - Dynex Semiconductor

  DK1306FWM Datasheet HTML 1Page - Dynex Semiconductor DK1306FWM Datasheet HTML 2Page - Dynex Semiconductor DK1306FWM Datasheet HTML 3Page - Dynex Semiconductor DK1306FWM Datasheet HTML 4Page - Dynex Semiconductor DK1306FWM Datasheet HTML 5Page - Dynex Semiconductor DK1306FWM Datasheet HTML 6Page - Dynex Semiconductor DK1306FWM Datasheet HTML 7Page - Dynex Semiconductor DK1306FWM Datasheet HTML 8Page - Dynex Semiconductor DK1306FWM Datasheet HTML 9Page - Dynex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3/13
www.dynexsemi.com
DK13..FW
DYNAMIC CHARACTERISTICS
V
TM
Parameter
Symbol
Conditions
Maximum on-state voltage
At 300A peak, T
case = 25
oC
I
RRM/IDRM
Peak reverse and off-state current
At V
RRM/VDRM, Tcase = 125
oC
Gate source 20V, 20
Ω
t
r < 0.5µs, Tj = 125˚C
dV/dt
Maximum linear rate of rise of off-state voltage
Linear to 60% V
DRM Tj = 125
oC, Gate open circuit
Min.
Max.
Units
-
2.35
V
-15
mA
-
200
V/
µs
Repetitive 50Hz
-
500
A/
µs
Non-repetitive
-
800
A/
µs
Rate of rise of on-state current
dI/dt
V
T(TO)
Threshold voltage
At T
vj = 125
oC
r
T
On-state slope resistance
At T
vj = 125
oC
1.65
-V
-
3.5
m
Ω
Delay time
t
gd
-3
µs
Total turn-on time
t
(ON)TOT
-
1.5
µs
T
j = 25˚C, IT = 50A,
V
D = 300V, IG = 1A,
dI/dt =50A/
µs, dI
G/dt = 1A/µs
*Typical value.
I
H
Holding current
T
j = 25
oC, I
TM = 1A, VD = 12V
60*
-
mA
T
j = 125˚C, IT = 100A, VR = 50V,
dV/dt = 200V/
µs (Linear to 60% V
DRM),
dI
R/dt = 30A/µs, Gate open circuit
Turn-off time
t
q
10
-
µs
t
q
code: W
GATE TRIGGER CHARACTERISTICS AND RATINGS
V
DRM = 12V,
T
case = 25
oC, R
L = 6Ω
Conditions
Parameter
Symbol
V
GT
Gate trigger voltage
V
DRM = 12V, Tcase = 25
oC, R
L = 6Ω
I
GT
Gate trigger current
V
GD
Gate non-trigger voltage
At V
DRM Tcase = 125
oC, R
L = 1kΩ
-
3.0
V
-
200
mA
-
0.2
V
Typ.
Max.
Units
V
RGM
Peak reverse gate voltage
I
FGM
Peak forward gate current
Anode positive with respect to cathode
P
GM
Peak gate power
P
G(AV)
Mean gate power
-
5.0
V
-4
A
-16
W
-
3.0
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com