Electronic Components Datasheet Search
  English  ▼

X  

2SD602 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # 2SD602
Description  NPN Plastic-Encapsulate Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

2SD602 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  2SD602 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH 2SD602 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH 2SD602 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Elektronische Bauelemente
2SD602 / 2SD602A
NPN Plastic-Encapsulate Transistor
04-Mar-2011 Rev. B
Page 1 of 3
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
1
Base
2
Emitter
Collector
3
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURE
Low collector to emitter saturation voltage VCE(sat)
CLASSIFICATION OF hFE (1)
Product-Rank
2SD602-Q
2SD602-R
2SD602-S
Range
85~170
120~240
170~340
Marking Code
WQ1
WR1
WS1
Product-Rank
2SD602A-Q
2SD602A-R
2SD602A-S
Range
85~170
120~240
170~340
Marking Code
XQ
XR
XS
PACKAGE INFORMATION
Package
MPQ
LeaderSize
SOT-23
3K
7’ inch
ABSOLUTE MAXIMUM RATINGS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Ratings
Unit
2SD602
30
Collector to Base Voltage
2SD602A
VCBO
60
V
2SD602
25
Collector to Emitter Voltage
2SD602A
VCEO
50
V
Emitter to Base Voltage
VEBO
5
V
Collector Current - Continuous
IC
500
mA
Collector Power Dissipation
PC
200
mW
Thermal Resistance From Junction to Ambient
RθJA
625
°C / W
Junction, Storage Temperature
TJ, TSTG
150, -55~150
°C
SOT-23
Top View
A
L
C B
D
G
H
J
F
K
E
1
2
3
1
2
3
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
2.80
3.04
G
0.09
0.18
B
2.10
2.55
H
0.45
0.60
C
1.20
1.40
J
0.08
0.177
D
0.89
1.15
K
0.6 REF.
E
1.78
2.04
L
0.89
1.02
F
0.30
0.50


Similar Part No. - 2SD602

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SD602 PANASONIC-2SD602 Datasheet
40Kb / 2P
Silicon NPN epitaxial planer type
2SD602 PANASONIC-2SD602 Datasheet
190Kb / 4P
Si NPN Triple Diffused Junction Mesa
logo
Guangdong Kexin Industr...
2SD602 KEXIN-2SD602 Datasheet
36Kb / 1P
Silicon NPN Epitaxial Planar Type
logo
SeCoS Halbleitertechnol...
2SD602 SECOS-2SD602 Datasheet
348Kb / 2P
NPN Plastic-Encapsulate Transistor
2SD602 SECOS-2SD602 Datasheet
1Mb / 3P
NPN Plastic-Encapsulate Transistor
More results

Similar Description - 2SD602

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
2SD2098 WEITRON-2SD2098 Datasheet
111Kb / 5P
NPN Plastic-Encapsulate Transistor
logo
SeCoS Halbleitertechnol...
2SD2142 SECOS-2SD2142 Datasheet
218Kb / 2P
NPN Plastic Plastic-Encapsulate Transistor
2SC2883 SECOS-2SC2883 Datasheet
370Kb / 3P
NPN Plastic-Encapsulate Transistor
2SC4098 SECOS-2SC4098 Datasheet
83Kb / 1P
NPN Plastic-Encapsulate Transistor
2SC4116 SECOS-2SC4116 Datasheet
172Kb / 3P
NPN Plastic-Encapsulate Transistor
2SC4215 SECOS-2SC4215 Datasheet
195Kb / 3P
NPN Plastic-Encapsulate Transistor
2SC4373 SECOS-2SC4373 Datasheet
77Kb / 1P
NPN Plastic-Encapsulate Transistor
2SD602 SECOS-2SD602_11 Datasheet
1Mb / 3P
NPN Plastic-Encapsulate Transistor
BC847AT SECOS-BC847AT Datasheet
169Kb / 3P
NPN Plastic Encapsulate Transistor
BC846W SECOS-BC846W Datasheet
909Kb / 4P
NPN Plastic Encapsulate Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com