Electronic Components Datasheet Search
  English  ▼

X  

2SD602 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # 2SD602
Description  NPN Plastic-Encapsulate Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

2SD602 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  2SD602 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH 2SD602 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH 2SD602 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Elektronische Bauelemente
2SD602 / 2SD602A
NPN Plastic-Encapsulate Transistor
04-Mar-2011 Rev. B
Page 2 of 3
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
2SD602
30
-
-
Collector to Base Breakdown
Voltage
2SD602A
V(BR)CBO
60
-
-
V
IC=10µA, IE=0
2SD602
25
-
-
Collector to Emitter Breakdown
Voltage
2SD602A
V(BR)CEO
50
-
-
V
IC=10mA, IB=0
Emitter to Base Breakdown Voltage
V(BR)EBO
5
-
-
V
IE=10µA, IC=0
Collector Cut-Off Current
ICBO
-
-
0.1
µA
VCB=20V, IE=0
Emitter Cut-Off Current
IEBO
-
-
0.1
µA
VEB=5V, IC=0
hFE (1)
*
85
-
340
VCE=10V, IC=150mA
DC Current Gain
hFE (2)
*
40
-
-
VCE=10V, IC=500mA
Collector-Emitter Saturation Voltage
VCE(sat)
*
-
-
0.6
V
IC=300mA, IB=30mA
Transition Frequency
fT
-
200
-
MHz VCE=10V, IC=50mA, f=200MHz
Collector Output Capacitance
Cob
-
-
15
pF
VCB=10V, IE=0, f=1MHz
*Pulse test: Pulse width≦350µS, duty cycle≦2.0%



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com