Electronic Components Datasheet Search
  English  ▼

X  

KC-200 Datasheet(PDF) 13 Page - Socay Electornics Co., Ltd.

Part # KC-200
Description  Surface Mount Transient Voltage Suppressors (TVS)
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOCAY [Socay Electornics Co., Ltd.]
Direct Link  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.

KC-200 Datasheet(HTML) 13 Page - Socay Electornics Co., Ltd.

Back Button KC-200 Datasheet HTML 9Page - Socay Electornics Co., Ltd. KC-200 Datasheet HTML 10Page - Socay Electornics Co., Ltd. KC-200 Datasheet HTML 11Page - Socay Electornics Co., Ltd. KC-200 Datasheet HTML 12Page - Socay Electornics Co., Ltd. KC-200 Datasheet HTML 13Page - Socay Electornics Co., Ltd. KC-200 Datasheet HTML 14Page - Socay Electornics Co., Ltd. KC-200 Datasheet HTML 15Page - Socay Electornics Co., Ltd. KC-200 Datasheet HTML 16Page - Socay Electornics Co., Ltd. KC-200 Datasheet HTML 17Page - Socay Electornics Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 56 page
background image
www.socay.com
13
Surface Mount Transient Voltage Suppressors (TVS)
SMDJ Series
5.0 To 440 V
3000W
Part Number
Marking
Breakdown
Voltage VBR
(V)
@IT
Uni
Bi
Uni
Bi
Reverse
Stand-Off
Voltage
VRWM(V)
MIN
MAX
Test
Current
IT
(mA)
Maximum
Clamping
Voltage
VC
@IPP (V)
Maximum
Peak
Pulse
Current
IPP (A)
Maximum
Reverse
Leakage IR
@VRWM
(
μA)
SMDJ5.0
SMDJ5.0C
RDD
DDD
5.0
6.40
7.30
10
9.6
312.50
1000
SMDJ5.0A
SMDJ5.0CA
RDE
DDE
5.0
6.40
7.00
10
9.2
326.09
1000
SMDJ6.0
SMDJ6.0C
RDF
DDF
6.0
6.67
8.15
10
11.4
263.16
1000
SMDJ6.0A
SMDJ6.0CA
RDG
DDG
6.0
6.67
7.37
10
10.3
291.26
1000
SMDJ6.5
SMDJ6.5C
RDH
DDH
6.5
7.22
8.82
10
12.3
243.90
500
SMDJ6.5A
SMDJ6.5CA
RDK
DDK
6.5
7.22
7.98
10
11.2
267.86
500
SMDJ7.0
SMDJ7.0C
RDL
DDL
7.0
7.78
9.51
10
13.3
225.56
200
SMDJ7.0A
SMDJ7.0CA
PDM
DDM
7.0
7.78
8.60
10
12.0
250.00
200
SMDJ7.5
SMDJ7.5C
PDN
DDN
7.5
8.33
10.20
1
14.3
209.79
100
SMDJ7.5A
SMDJ7.5CA
PDP
DDP
7.5
8.33
9.21
1
12.9
232.56
100
SMDJ8.0
SMDJ8.0C
PDQ
DDQ
8.0
8.89
10.90
1
15.0
200.00
50
SMDJ8.0A
SMDJ8.0CA
PDR
DDR
8.0
8.89
9.83
1
13.6
220.59
50
SMDJ8.5
SMDJ8.5C
PDS
DDS
8.5
9.44
11.50
1
15.9
188.68
25
SMDJ8.5A
SMDJ8.5CA
PDT
DDT
8.5
9.44
10.40
1
14.4
208.33
25
SMDJ9.0
SMDJ9.0C
PDU
DDU
9.0
10.00
12.20
1
16.9
177.51
10
SMDJ9.0A
SMDJ9.0CA
PDV
DDV
9.0
10.00
11.10
1
15.4
194.81
10
SMDJ10
SMDJ10C
PDW
DDW
10.0
11.10
13.60
1
18.8
159.57
5
SMDJ10A
SMDJ10CA
PDX
DDX
10.0
11.10
12.30
1
17.0
176.47
5
SMDJ11
SMDJ11C
PDY
DDY
11.0
12.20
14.90
1
20.1
149.25
5
SMDJ11A
SMDJ11CA
PDZ
DDZ
11.0
12.20
13.50
1
18.2
164.84
5
SMDJ12
SMDJ12C
PED
DED
12.0
13.30
16.30
1
22.0
136.36
5
SMDJ12A
SMDJ12CA
PEE
DEE
12.0
13.30
14.70
1
19.9
150.75
5
SMDJ13
SMDJ13C
PEF
DEF
13.0
14.40
17.60
1
23.8
126.05
5
SMDJ13A
SMDJ13CA
PEG
DEG
13.0
14.40
15.90
1
21.5
139.53
5
SMDJ14
SMDJ14C
PEH
DEH
14.0
15.60
19.10
1
25.8
116.28
5
SMDJ14A
SMDJ14CA
PEK
DEK
14.0
15.60
17.20
1
23.2
129.31
5
SMDJ15
SMDJ15C
PEL
DEL
15.0
16.70
20.40
1
26.9
111.52
5
SMDJ15A
SMDJ15CA
PEM
DEM
15.0
16.70
18.50
1
24.4
122.95
5
SMDJ16
SMDJ16C
PEN
DEN
16.0
17.80
21.80
1
28.8
104.17
5
SMDJ16A
SMDJ16CA
PEP
DEP
16.0
17.80
19.70
1
26.0
115.38
5
SMDJ17
SMDJ17C
PEQ
DEQ
17.0
18.90
23.10
1
30.5
98.36
5
SMDJ17A
SMDJ17CA
PER
DER
17.0
18.90
20.90
1
27.6
108.70
5
SMDJ18
SMDJ18C
PES
DES
18.0
20.00
24.40
1
32.2
93.17
5
SMDJ18A
SMDJ18CA
PET
DET
18.0
20.00
22.10
1
29.2
102.74
5
SMDJ19
SMDJ19C
PEA
DEA
19.0
21.13
25.76
1
34.0
88.21
5
SMDJ19A
SMDJ19CA
PEB
DEB
19.0
21.10
23.30
1
30.8
97.47
5
SMDJ20
SMDJ20C
PEU
DEU
20.0
22.20
27.10
1
35.8
83.80
5
SMDJ20A
SMDJ20CA
PEV
DEV
20.0
22.20
24.50
1
32.4
92.59
5
SMDJ22
SMDJ22C
PEW
DEW
22.0
24.40
29.80
1
39.4
76.14
5
SMDJ22A
SMDJ22CA
PEX
DEX
22.0
24.40
26.90
1
35.5
84.51
5
SMDJ24
SMDJ24C
PEY
DEY
24.0
26.70
32.60
1
43.0
69.77
5
SMDJ24A
SMDJ24CA
PEZ
DEZ
24.0
26.70
29.50
1
38.9
77.12
5
SMDJ26
SMDJ26C
PFD
DFD
26.0
28.90
35.30
1
46.6
64.38
5
SMDJ26A
SMDJ26CA
PFE
DFE
26.0
28.90
31.90
1
42.1
71.26
5
SMDJ28
SMDJ28C
PFF
DFF
28.0
31.10
38.00
1
50.0
60.00
5
SMDJ28A
SMDJ28CA
PFG
DFG
28.0
31.10
34.40
1
45.4
66.08
5
SMDJ30
SMDJ30C
PFH
DFH
30.0
33.30
40.70
1
53.5
56.07
5
SMDJ30A
SMDJ30CA
PFK
DFK
30.0
33.30
36.80
1
48.4
61.98
5
SMDJ33
SMDJ33C
PFL
DFL
33.0
36.70
44.90
1
59.0
50.85
5
SMDJ33A
SMDJ33CA
PFM
DFM
33.0
36.70
40.60
1
53.3
56.29
5
SMDJ36
SMDJ36C
PFN
DFN
36.0
40.00
48.90
1
64.3
46.66
5
SMDJ36A
SMDJ36CA
PFP
DFP
36.0
40.00
44.20
1
58.1
51.64
5
SMDJ40
SMDJ40C
PFQ
DFQ
40.0
44.40
54.30
1
71.4
42.02
5
SMDJ40A
SMDJ40CA
PFR
DFR
40.0
44.40
49.10
1
64.5
46.51
5
SMDJ43
SMDJ43C
PFS
DFS
43.0
47.80
58.40
1
76.7
39.11
5
SMDJ43A
SMDJ43CA
PFT
DFT
43.0
47.80
52.80
1
69.4
43.23
5
Electrical Characteristics (TA=25℃ unless otherwise noted)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com