Electronic Components Datasheet Search
  English  ▼

X  

KC-200 Datasheet(PDF) 45 Page - Socay Electornics Co., Ltd.

Part # KC-200
Description  Surface Mount Transient Voltage Suppressors (TVS)
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOCAY [Socay Electornics Co., Ltd.]
Direct Link  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.

KC-200 Datasheet(HTML) 45 Page - Socay Electornics Co., Ltd.

Back Button KC-200 Datasheet HTML 41Page - Socay Electornics Co., Ltd. KC-200 Datasheet HTML 42Page - Socay Electornics Co., Ltd. KC-200 Datasheet HTML 43Page - Socay Electornics Co., Ltd. KC-200 Datasheet HTML 44Page - Socay Electornics Co., Ltd. KC-200 Datasheet HTML 45Page - Socay Electornics Co., Ltd. KC-200 Datasheet HTML 46Page - Socay Electornics Co., Ltd. KC-200 Datasheet HTML 47Page - Socay Electornics Co., Ltd. KC-200 Datasheet HTML 48Page - Socay Electornics Co., Ltd. KC-200 Datasheet HTML 49Page - Socay Electornics Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 56 page
background image
www.socay.com
45
Axial Lead Transient Voltage Suppressors (TVS)
8KP Series
24 To 43 V
8000W
Uni-directional
Bi-directional
u
Glass passivated chip junction in P600 Package
u
Low leakage
u
Uni and Bidirectional unit
u
Excellent clamping capability
u
8000W Peak power capability at 10
× 1000µs waveform
Repetition rate (duty cycle):0.01%
u
Fast response time
u
RoHS compliant
R6/P600
Inches
Millimeters
Dimensions
Min
Max
Min
Max
A
1.000
-
25.40
-
B
0.340
0.360
8.64
9.14
C
0.048
0.052
1.22
1.32
D
0.340
0.360
8.64
9.14
Part Number
Breakdown
Voltage VBR
(V)
@IT
Uni
Bi
Reverse
Stand-Off
Voltage
VRWM(V)
MIN
MAX
Test
Current
IT
(mA)
Maximum
Clamping
Voltage
VC
@IPP (V)
Maximum
Peak
Pulse
Current
IPP (A)
Maximum
Reverse
Leakage IR
@VRWM
(
μA)
8KP24A
8KP24CA
24
26.7
29.5
1
38.9
206
5
8KP33A
8KP33CA
33
36.7
40.6
1
53.3
150
5
8KP36A
8KP36CA
36
40.0
44.2
1
58.1
148
5
8KP40A
8KP40CA
40
44.4
49.1
1
64.5
124
5
8KP43A
8KP43CA
43
47.8
52.8
1
69.4
115
5
Electrical Characteristics (TA=25℃ unless otherwise noted)
Dimensions
R6/P600
Cathode Band
Features



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com