Electronic Components Datasheet Search
  English  ▼

X  

GP1600FSS12 Datasheet(PDF) 2 Page - Dynex Semiconductor

Part # GP1600FSS12
Description  Powerline N-Channel Single Switch IGBT Module Advance Information
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

GP1600FSS12 Datasheet(HTML) 2 Page - Dynex Semiconductor

  GP1600FSS12 Datasheet HTML 1Page - Dynex Semiconductor GP1600FSS12 Datasheet HTML 2Page - Dynex Semiconductor GP1600FSS12 Datasheet HTML 3Page - Dynex Semiconductor GP1600FSS12 Datasheet HTML 4Page - Dynex Semiconductor GP1600FSS12 Datasheet HTML 5Page - Dynex Semiconductor GP1600FSS12 Datasheet HTML 6Page - Dynex Semiconductor GP1600FSS12 Datasheet HTML 7Page - Dynex Semiconductor GP1600FSS12 Datasheet HTML 8Page - Dynex Semiconductor GP1600FSS12 Datasheet HTML 9Page - Dynex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
GP1600FSS12
Caution: This device is sensitive to electrostatic discharge. Users should follow ESD handling procedures.
2/11
THERMAL AND MECHANICAL RATINGS
Symbol
Conditions
DC junction to case
oC/kW
11
Max.
-
Min.
Parameter
Units
R
th(j-c)
Thermal resistance - transistor
T
stg
Storage temperature range
Transistor
oC
150
125
-
–40
R
th(c-h)
Thermal resistance - Case to heatsink
(per module)
Mounting torque 5Nm
(with mounting grease)
8
-
-
Mounting - M6
Nm
5
-
-
oC/kW
T
j
Junction temperature
oC
Screw torque
Diode
oC
125
-
Electrical connections - M4
Nm
2
-
Electrical connections - M8
Nm
10
-
Thermal resistance - diode
DC junction to case
oC/kW
20
-
-
R
th(j-c)
V
CES
Collector-emitter voltage
-
DC, T
case = 25˚C
2100
Test Conditions
Symbol
I
C
Gate-emitter voltage
V
GE = 0V
1200
Units
V
±20
Max.
Parameter
T
case = 25˚C unless stated otherwise.
Collector current
11400
Maximum power dissipation
P
max
Commoned terminals to base plate.
AC RMS, 1 min, 50Hz
Isolation voltage
V
isol
V
2500
V
V
GES
A
I
C(PK)
W
T
case = 25˚C (Transistor)
ABSOLUTE MAXIMUM RATINGS
Stresses above those listed under 'Absolute Maximum Ratings' may cause permanent damage to the device. In
extreme conditions, as with all semiconductors, this may inlcude potentially hazardous rupture of the package.
Appropriate safety precautions should always be followed.
DC, T
case = 75˚C
1600
A
1ms, T
case = 75˚C
A
3200



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com