Electronic Components Datasheet Search
  English  ▼

X  

GP1600FSS12 Datasheet(PDF) 3 Page - Dynex Semiconductor

Part # GP1600FSS12
Description  Powerline N-Channel Single Switch IGBT Module Advance Information
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

GP1600FSS12 Datasheet(HTML) 3 Page - Dynex Semiconductor

  GP1600FSS12 Datasheet HTML 1Page - Dynex Semiconductor GP1600FSS12 Datasheet HTML 2Page - Dynex Semiconductor GP1600FSS12 Datasheet HTML 3Page - Dynex Semiconductor GP1600FSS12 Datasheet HTML 4Page - Dynex Semiconductor GP1600FSS12 Datasheet HTML 5Page - Dynex Semiconductor GP1600FSS12 Datasheet HTML 6Page - Dynex Semiconductor GP1600FSS12 Datasheet HTML 7Page - Dynex Semiconductor GP1600FSS12 Datasheet HTML 8Page - Dynex Semiconductor GP1600FSS12 Datasheet HTML 9Page - Dynex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
GP1600FSS12
Caution: This device is sensitive to electrostatic discharge. Users should follow ESD handling procedures.
3/11
C
ies
Input capacitance
Module inductance
V
CE = 25V, VGE = 0V, f = 1MHz
nH
-
-
15
180
-
-
-
nF
L
M
I
F
Diode forward current
I
FM
Diode maximum forward current
DC
t
p = 1ms
A
1600
3200
-
-
-
-
V
F
Diode forward voltage
I
F =1600A
2.4
2.2
-
A
V
I
F =1600A, Tcase = 125˚C
2.5
2.3
-
V
ELECTRICAL CHARACTERISTICS
Symbol
Collector cut-off current
I
GES
Gate leakage current
Conditions
V
GE = 0V, VCE = VCES
V
GE = ±20V, VCE = 0V
mA
2
8
Max.
-
Typ.
-
-
Min.
-
Parameter
T
case = 25˚C unless stated otherwise.
V
7.5
3.5
2.7
-
Gate threshold voltage
V
GE = 15V, IC =1600A
-
4
I
C = 120mA, VGE = VCE
Units
I
CES
µA
V
GE(TH)
V
4.0
3.2
-
V
GE = 15V, IC = 1600A, Tcase = 125˚C
V
V
CE(SAT)
Collector-emitter saturation voltage
V
GE = 0V, VCE = VCES, Tcase = 125˚C
mA
75
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com