Electronic Components Datasheet Search
  English  ▼

X  

GP800DCM18 Datasheet(PDF) 6 Page - Dynex Semiconductor

Part # GP800DCM18
Description  Hi-Reliability Chopper Switch IGBT Module
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

GP800DCM18 Datasheet(HTML) 6 Page - Dynex Semiconductor

Back Button GP800DCM18 Datasheet HTML 2Page - Dynex Semiconductor GP800DCM18 Datasheet HTML 3Page - Dynex Semiconductor GP800DCM18 Datasheet HTML 4Page - Dynex Semiconductor GP800DCM18 Datasheet HTML 5Page - Dynex Semiconductor GP800DCM18 Datasheet HTML 6Page - Dynex Semiconductor GP800DCM18 Datasheet HTML 7Page - Dynex Semiconductor GP800DCM18 Datasheet HTML 8Page - Dynex Semiconductor GP800DCM18 Datasheet HTML 9Page - Dynex Semiconductor GP800DCM18 Datasheet HTML 10Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
GP800DCM18
6/10
Caution: This device is sensitive to electrostatic discharge. Users should follow ESD handling procedures.
www.dynexsemi.com
Fig.7 Diode typical forward characteristics
0
200
400
600
800
1000
1200
1400
1600
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
Foward voltage, VF - (V)
Tj = 125˚C
Tj = 25˚C
Fig.8 Reverse bias safe operating area
0
200
400
600
800
1000
1200
1400
1600
1800
2000
0
400
800
1200
1600
2000
Collector-emitter voltage, Vce - (V)
Tcase = 125˚C
Vge = ±15V
Rg(min) = 2.2Ω
Fig.9 Forward bias safe operating area
Fig.10 Transient thermal impedance
0.1
1
10
100
1
10
1000
100
10000
Pulse width, tp - (ms)
Diode
Transistor
1
10
100
1000
10000
1
10
100
1000
10000
Collector-emitter voltage, Vce - (V)
IC max. (single pulse)
t
p
=
1ms
Conditions:
Tvj = 125˚C, Tcase = 50˚C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com