Electronic Components Datasheet Search
  English  ▼

X  

MA1916 Datasheet(PDF) 10 Page - Dynex Semiconductor

Part # MA1916
Description  Radiation Hard Reed-Solomon & Convolution Encoder
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

MA1916 Datasheet(HTML) 10 Page - Dynex Semiconductor

Back Button MA1916 Datasheet HTML 3Page - Dynex Semiconductor MA1916 Datasheet HTML 4Page - Dynex Semiconductor MA1916 Datasheet HTML 5Page - Dynex Semiconductor MA1916 Datasheet HTML 6Page - Dynex Semiconductor MA1916 Datasheet HTML 7Page - Dynex Semiconductor MA1916 Datasheet HTML 8Page - Dynex Semiconductor MA1916 Datasheet HTML 9Page - Dynex Semiconductor MA1916 Datasheet HTML 10Page - Dynex Semiconductor MA1916 Datasheet HTML 11Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
MA1916
10/11
Figure 10: Flatpack Pinout
1T2
2T1
3 CE_CLKS
4 CE_IN
5 CE_OUT
6 TEST_POINT
7 N/C
8 ST1
9 GND
10 SEL_A
11 STZ
12 SEL_B
13 SZY
14 n_RST
28
MSG_OUT
27
CLK_OUT
26
SMC
25
RSE_OUT
24
SYZ
23
T3
22
CLKS
21
VDD
20
N/C
19
T0
18
MSG
17
CLK
16
READY
15
SMC_OUT
Bottom
View
RADIATION TOLERANCE
Total Dose Radiation Testing
For product procured to guaranteed total dose radiation
levels, each wafer lot will be approved when all sample
devices from each lot pass the total dose radiation test.
The sample devices will be subjected to the total dose
radiation level (Cobalt-60 Source), defined by the ordering
code, and must continue to meet the electrical parameters
specified in the data sheet. Electrical tests, pre and post
irradiation, will be read and recorded.
Dynex Semiconductor can provide radiation testing
compliant with Mil-Std-883 test method 1019, Ionizing
Radiation (Total Dose).
Total Dose (Function to specification)*
1x10
5 Rad(Si)
Transient Upset (Stored data loss)
5x10
10 Rad(Si)/sec
Transient Upset (Survivability)
>1x10
12 Rad(Si)/sec
Neutron Hardness (Function to specification)
>1x10
15 n/cm2
Single Event Upset**
<1x10
-10 Errors/bit day
Latch Up
Not possible
* Other total dose radiation levels available on request
** Worst case galactic cosmic ray upset - interplanetary/high altitude orbit
Table 9: Radiation Hardness Parameters



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com