Electronic Components Datasheet Search
  English  ▼

X  

MA1916 Datasheet(PDF) 5 Page - Dynex Semiconductor

Part # MA1916
Description  Radiation Hard Reed-Solomon & Convolution Encoder
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

MA1916 Datasheet(HTML) 5 Page - Dynex Semiconductor

  MA1916 Datasheet HTML 1Page - Dynex Semiconductor MA1916 Datasheet HTML 2Page - Dynex Semiconductor MA1916 Datasheet HTML 3Page - Dynex Semiconductor MA1916 Datasheet HTML 4Page - Dynex Semiconductor MA1916 Datasheet HTML 5Page - Dynex Semiconductor MA1916 Datasheet HTML 6Page - Dynex Semiconductor MA1916 Datasheet HTML 7Page - Dynex Semiconductor MA1916 Datasheet HTML 8Page - Dynex Semiconductor MA1916 Datasheet HTML 9Page - Dynex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
MA1916
5/11
DC CHARACTERISTICS AND RATINGS
Parameter
Min
Max
Units
Supply Voltage
-0.5
7
V
Input Voltage
-0.3
VDD+0.3
V
Current Through Any Pin
-20
+20
mA
Operating Temperature
-55
125
°C
Storage Temperature
-65
150
°C
CE_CLK (Convolution Encoder Clock)
The CE_CLK input drives the timing of the convolution
encoder. Data is read in on CE_IN on the rising edge of
CE_CLK and output on CE_OUT on both the rising and falling
edge of CE_CLK.
Note: The output data rate is twice the input data rate.
A 50% duty cycle clock is required. If this is provided by the
CLKS output, data can be read directly from RSE_OUT to the
CE_IN input (see figure 3).
CE_OUT (Convolution Encoder Output)
This signal carries the output data from the convolution
encoder. The data rate on CE_OUT is twice that of CE_IN.
CLK_OUT (Clock Out)
CLK_OUT is a buffered output of the CLK input signal. If
CLKS is connected to CE_CLK to drive the convolution
encoder, CE_OUT can be captured on the falling edge of
CLK_OUT.
Note: Stresses above those listed may cause permanent
damage to the device. This is a stress rating only and
functional operation of the device at these conditions, or at
any other condition above those indicated in the operations
section of this specification, is not implied. Exposure to
absolute maximum rating conditions for extended periods
may affect device reliability.
Table 3: Absolute Maximum Ratings
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VDD
Supply Voltage
-
4.5
5.0
5.5
V
VIH
CMOS Input High Voltage
VDD = 5.5V
0.8 VDD
-VDD
V
VIL
CMOS Input Low Voltage
VDD = 5.5V
VSS
-
0.2 VDD
V
VOH
CMOS Output High Voltage
VDD = 5V, IOH = -1.0mA
VDD-0.5
-
-
V
VOL
CMOS Output Low Voltage
VDD = 5V, IOL = 4.0mA
-
-
0.4
V
IIL
Input Leakage Current
VDD = 5.5V, VIN = VSS or VDD
-10
-
10
µA
IPDL
Input Pull-Down Current
VDD = 5.5V, VIN = VSS or VDD
-20
-
150
µA
IDD1
Static Power Supply Current
VDD = 5.5V
-
0.1
2.5
mA
IDD2
Dynamic Power Supply Current
CLK = 10MHz, VDD = 5.5V
-
3
10
mA
Notes: 1. VDD = 5V±10%, over full operating temperature range. 2. Total dose radiation not exceeding 1x10
5 Rads(Si)
3. Mil-Std-883, method 5005, subgroups 1, 2, 3
Table 4: DC Electrical Characteristics
AC CHARACTERISTICS
No.
Parameter
Min.
Max.
Units
1
CLK hlgh to CLKS
-
25
ns
2
CLK high to SYZ or SZY
-
30
ns
3
SMC hold after CLK low
0
-
ns
4
SMC setup to CLK low
30
-
ns
5
MSG set up to CLKS high
10
-
ns
6
MSG hold after CLKS high
10
-
ns
7
MSG to RSE_OUT propagation delay
-
30
ns
8
CLKS to RSE_OUT (SMC low)
-
25
ns
9
CLK to CLK_OUT propagation delay
-
25
ns
10
CE_IN setup to CE_CLK hlgh
10
-
ns
11
CE_IN hold after CE_CLK high
10
-
ns
12
CE_CLK to CE_OUT
-
25
ns
13
CLK CYCLE TIME
100
-
ns
Table 5: AC Electrical Characteristics
Note: Mil-Std-883, method 5005,
subgroups 9, 10, 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com