Electronic Components Datasheet Search
  English  ▼

X  

EPF8282A Datasheet(PDF) 51 Page - Altera Corporation

Part # EPF8282A
Description  Programmable Logic Device Family
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPF8282A Datasheet(HTML) 51 Page - Altera Corporation

Back Button EPF8282A Datasheet HTML 47Page - Altera Corporation EPF8282A Datasheet HTML 48Page - Altera Corporation EPF8282A Datasheet HTML 49Page - Altera Corporation EPF8282A Datasheet HTML 50Page - Altera Corporation EPF8282A Datasheet HTML 51Page - Altera Corporation EPF8282A Datasheet HTML 52Page - Altera Corporation EPF8282A Datasheet HTML 53Page - Altera Corporation EPF8282A Datasheet HTML 54Page - Altera Corporation EPF8282A Datasheet HTML 55Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 62 page
background image
Altera Corporation
51
FLEX 8000 Programmable Logic Device Family Data Sheet
3
Power
Consumption
The supply power (P) for FLEX 8000 devices can be calculated with the
following equation:
P = PINT + PIO = [(ICCSTANDBY + ICCACTIVE) × VCC] + PIO
Typical ICCSTANDBY values are shown as ICC0 in Table 11 on page 28 and
Table 15 on page 30. The PIO value, which depends on the device output
load characteristics and switching frequency, can be calculated using the
guidelines given in Application Note 74 (Evaluating Power for Altera
Devices). The ICCACTIVE value depends on the switching frequency and
the application logic. This value can be calculated based on the amount of
current that each LE typically consumes.
The following equation shows the general formula for calculating
ICCACTIVE:
The parameters in this equation are shown below:
fMAX
= Maximum operating frequency in MHz
N
= Total number of logic cells used in the device
togLC = Average percentage of logic cells toggling at each clock
K
= Constant, shown in Table 50
This calculation provides an ICC estimate based on typical conditions
with no output load. The actual ICC value should be verified during
operation because this measurement is sensitive to the actual pattern in
the device and the environmental operating conditions.
Figure 20 shows the relationship between ICC and operating frequency
for several LE utilization values.
ICCACTIVE
K
fMAX N togLC
µA
MHz
LE
×
----------------------------
×
×
×
×
=
Table 50. Values for Constant K
Device
K
5.0-V FLEX 8000 devices
75
3.3-V FLEX 8000 devices
60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com