Electronic Components Datasheet Search
  English  ▼

X  

EPF8282A Datasheet(PDF) 30 Page - Altera Corporation

Part # EPF8282A
Description  Programmable Logic Device Family
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPF8282A Datasheet(HTML) 30 Page - Altera Corporation

Back Button EPF8282A Datasheet HTML 26Page - Altera Corporation EPF8282A Datasheet HTML 27Page - Altera Corporation EPF8282A Datasheet HTML 28Page - Altera Corporation EPF8282A Datasheet HTML 29Page - Altera Corporation EPF8282A Datasheet HTML 30Page - Altera Corporation EPF8282A Datasheet HTML 31Page - Altera Corporation EPF8282A Datasheet HTML 32Page - Altera Corporation EPF8282A Datasheet HTML 33Page - Altera Corporation EPF8282A Datasheet HTML 34Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 62 page
background image
30
Altera Corporation
FLEX 8000 Programmable Logic Device Family Data Sheet
Notes to tables:
(1)
See the Operating Requirements for Altera Devices Data Sheet.
(2)
Minimum DC input voltage is –0.3 V. During transitions, the inputs may undershoot to –2.0 V or overshoot to 5.3 V
for input currents less than 100 mA and periods shorter than 20 ns.
(3)
The maximum VCC rise time is 100 ms. VCC must rise monotonically.
(4)
These values are specified in Table 14 on page 29.
(5)
The IOH parameter refers to high-level TTL output current; the IOL parameter refers to low-level TTL output current.
(6)
Typical values are for TA = 25° C and VCC = 3.3 V.
(7)
Capacitance is sample-tested only.
Figure 16 shows the typical output drive characteristics of 5.0-V
FLEX 8000 devices. The output driver is compliant with PCI Local Bus
Specification, Revision 2.2
.
Table 15. FLEX 8000 3.3-V Device DC Operating Conditions
Note (4)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIH
High-level input voltage
2.0
VCC + 0.3
V
VIL
Low-level input voltage
–0.3
0.8
V
VOH
High-level output voltage
I OH = –0.1 mA DC (5)
VCC – 0.2
V
VOL
Low-level output voltage
I OL = 4 mA DC (5)
0.45
V
II
Input leakage current
VI = VCC or ground
–10
10
µA
IOZ
Tri-state output off-state current VO = VCC or ground
–40
40
µA
ICC0
VCC supply current (standby)
VI = ground, no load (6)
0.3
10
mA
Table 16. FLEX 8000 3.3-V Device Capacitance
Note (7)
Symbol
Parameter
Conditions
Min
Max
Unit
CIN
Input capacitance
VIN = 0 V, f = 1.0 MHz
10
pF
COUT
Output capacitance
VOUT = 0 V, f = 1.0 MHz
10
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com