Electronic Components Datasheet Search
  English  ▼

X  

MA31751 Datasheet(PDF) 16 Page - Dynex Semiconductor

Part # MA31751
Description  Memory Management & Block Protection Unit
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

MA31751 Datasheet(HTML) 16 Page - Dynex Semiconductor

Back Button MA31751 Datasheet HTML 9Page - Dynex Semiconductor MA31751 Datasheet HTML 10Page - Dynex Semiconductor MA31751 Datasheet HTML 11Page - Dynex Semiconductor MA31751 Datasheet HTML 12Page - Dynex Semiconductor MA31751 Datasheet HTML 13Page - Dynex Semiconductor MA31751 Datasheet HTML 14Page - Dynex Semiconductor MA31751 Datasheet HTML 15Page - Dynex Semiconductor MA31751 Datasheet HTML 16Page - Dynex Semiconductor MA31751 Datasheet HTML 17Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
MA31751
16/17
9.0 RADIATION TOLERANCE
Total Dose Radiation Testing
For product procured to guaranteed total dose radiation
levels, each wafer lot will be approved when all sample
devices from each lot pass the total dose radiation test.
The sample devices will be subjected to the total dose
radiation level (Cobalt-60 Source), defined by the ordering
code, and must continue to meet the electrical parameters
specified in the data sheet. Electrical tests, pre and post
irradiation, will be read and recorded.
Dynex Semiconductor can provide radiation testing
compliant with MIL-STD-883 test method 1019, Ionizing
Radiation (Total Dose).
Total Dose (Function to specification)*
3x10
5 Rad(Si)
Transient Upset (Stored data loss)
1x10
11 Rad(Si)/sec
Transient Upset (Survivability)
>1x10
12 Rad(Si)/sec
Neutron Hardness (Function to specification)
>1x10
15 n/cm2
Single Event Upset**
<1x10
-10 Errors/bit day
Latch Up
Not possible
* Other total dose radiation levels available on request
** Worst case galactic cosmic ray upset - interplanetary/high altitude orbit
Figure 22: Radiation Hardness Parameters
10.0 OTHER INFORMATION
Reference: MA31751 Application Note 5 - Detailed Device
Description.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com