Electronic Components Datasheet Search
  English  ▼

X  

MA31751 Datasheet(PDF) 3 Page - Dynex Semiconductor

Part # MA31751
Description  Memory Management & Block Protection Unit
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

MA31751 Datasheet(HTML) 3 Page - Dynex Semiconductor

  MA31751 Datasheet HTML 1Page - Dynex Semiconductor MA31751 Datasheet HTML 2Page - Dynex Semiconductor MA31751 Datasheet HTML 3Page - Dynex Semiconductor MA31751 Datasheet HTML 4Page - Dynex Semiconductor MA31751 Datasheet HTML 5Page - Dynex Semiconductor MA31751 Datasheet HTML 6Page - Dynex Semiconductor MA31751 Datasheet HTML 7Page - Dynex Semiconductor MA31751 Datasheet HTML 8Page - Dynex Semiconductor MA31751 Datasheet HTML 9Page - Dynex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
MA31751
3/17
AL
E
RES PPA
W
RES
AL
W
RES PPA
PPA
PPA
AL
E
RES PPA
AL
W
RES
PPA
AL
W
RES PPA
AL
W
RES
PPA
0
3
4
5
7 8
15
Instruction
Operand
LPA
4
16-bit logical
address
Address of
word within
4k page
Logical
Address of
4k page
8 bits
12 bits
Extended
Address
Address
8/11-bit address
expansion
12-bit logical
address
8
12
16
words
32
groups
AS
PS
from CPU status word
DMA
AS
PS
DMAKN
5
Group address
OIN
Lock and key
access protection
Protect logic
4
4
Access
violation
*
* These 3 bits are reserved in 1750A. In 1750B they are used as
extra PPA bits to form the MSB's of the extended address bus.
*
*
*
*
MPROEN
Execute
protect
Write
protect
3
3 bits
1750B
12 LSB of Address
Page Register
Page Register
Figure 3: MMU Memory Mapping Mechanism



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com