Electronic Components Datasheet Search
  English  ▼

X  

MA5114 Datasheet(PDF) 3 Page - Dynex Semiconductor

Part # MA5114
Description  Radiation hard 1024x4 Bit Static RAM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

MA5114 Datasheet(HTML) 3 Page - Dynex Semiconductor

  MA5114 Datasheet HTML 1Page - Dynex Semiconductor MA5114 Datasheet HTML 2Page - Dynex Semiconductor MA5114 Datasheet HTML 3Page - Dynex Semiconductor MA5114 Datasheet HTML 4Page - Dynex Semiconductor MA5114 Datasheet HTML 5Page - Dynex Semiconductor MA5114 Datasheet HTML 6Page - Dynex Semiconductor MA5114 Datasheet HTML 7Page - Dynex Semiconductor MA5114 Datasheet HTML 8Page - Dynex Semiconductor MA5114 Datasheet HTML 9Page - Dynex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
MA5114
3/12
AC CHARACTERISTICS
Conditions of Test for Tables 5 and 6:
1. Input pulse = V
SS to 3.0V.
2. Times measurement reference level = 1.5V.
3. Transition is measured at
±500mV from steady state.
4. This parameter is sampled and not 100% tested.
Notes for Tables 6 and 7:
Characteristics apply to pre-radiation at T
A = -55°C to +125°C with VDD = 5V±10% and to post 100k Rad(Si) total dose radiation
at T
A = 25°C with VDD = 5V ±10%. GROUP A SUBGROUPS 9, 10, 11.
Symbol
Parameter
Min
Max
Units
T
AVAVR
Read Cycle Time
135
-
ns
T
AVQV
Address Access Time
-
135
ns
T
ELQV
Chip Select to Output Valid
-
135
ns
T
ELQX (3,4)
Chip Select to Output Active
10
-
ns
T
ELQZ (3,4)
Chip Select to Output Tri State
10
50
ns
T
AXQX
Output Hold from Address Change
10
-
ns
Figure 6: Read Cycle AC Electrical Characteristics
Symbol
Parameter
Min
Max
Units
T
AVAVW
Write Cycle Tlme
135
-
ns
T
AVWL
Address Set Up Time
10
-
ns
T
WLWH
Write Pulse Width
50
-
ns
T
WHAV
Write Recovery Time
5
-
ns
T
DVWH
Data Set Up Time
35
-
ns
T
NHDX
Data Hold Time
5
-
ns
T
WLQZ (3,4)
Write Enable to Output Tri State
10
50
ns
T
ELWL
Chip Selection to Write Low
25
-
ns
T
ELWH
Chip Selection to End of Write
85
-
ns
T
AVWH
Address Valid to End of Write
80
-
ns
T
WHQX (3,4)
Output Active from End to Write
5
-
ns
Figure 7: Write Cycle AC Electrical Characteristics
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
C
IN
Input Capacitance
V
l = 0V
-
6
10
pF
C
OUT
Output Capacitance
V
O = 0V
-
8
12
pF
Note: T
A = 25°C and f = 1MHz. Data obtained by characterisation or analysis; not routinely measured.
Figure 8: Capacitance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com