Electronic Components Datasheet Search
  English  ▼

X  

MP02TT800 Datasheet(PDF) 1 Page - Dynex Semiconductor

Part # MP02TT800
Description  Dual Thyristor Water Cooled Welding Module Preliminary Information
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

MP02TT800 Datasheet(HTML) 1 Page - Dynex Semiconductor

  MP02TT800 Datasheet HTML 1Page - Dynex Semiconductor MP02TT800 Datasheet HTML 2Page - Dynex Semiconductor MP02TT800 Datasheet HTML 3Page - Dynex Semiconductor MP02TT800 Datasheet HTML 4Page - Dynex Semiconductor MP02TT800 Datasheet HTML 5Page - Dynex Semiconductor MP02TT800 Datasheet HTML 6Page - Dynex Semiconductor MP02TT800 Datasheet HTML 7Page - Dynex Semiconductor MP02TT800 Datasheet HTML 8Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
MP02TT800
1/8
www.dynexsemi.com
FEATURES
s
Dual Device Module
s
Electrically Isolated Package
s
Pressure Contact Construction
s
International Standard Footprint
s
Alumina (Non Toxic) Isolation Medium
s
Integral Water Cooled Heatsink
APPLICATIONS
s
Welding
VOLTAGE RATINGS
ORDERING INFORMATION
Order As:
MP02TT800-XX W12
1/4 - 18NPT
MP02TT800-XX W13
1/4 BSP connection
XX shown in the part number about represents V
DRM/100
selection required, e.g. MP02TT800-14-W12
Note: When ordering, please use the whole part number.
Auxiliary gate and cathode leads can be ordered separately.
KEY PARAMETERS
V
DRM
1600V
I
LINE(cont.)
510A
I
LINE(20cy./50%)
805A
I
TSM(per arm)
6800A
V
isol
3000V
MP02TT800
Dual Thyristor Water Cooled Welding Module
Preliminary Information
DS5435-1.1 June 2001
Fig. 1 Circuit diagram
Fig. 2 Electrical connections - (not to scale)
Outline type code: MP02 W12/W13
(See package details for further information)
1600
1500
1400
1300
MP02TT800-16
MP02TT800-15
MP02TT800-14
MP02TT800-13
Conditions
T
vj = 0˚ to 125˚C,
I
DRM = IRRM = 30mA
V
DSM = VRSM =
V
DRM = VRRM + 100V
respectively
Lower voltage grades available
Type Number
Repetitive Peak
Voltages
V
DRM VRRM
V
G
1 K1
K
2 G2
1
23
K1 G1
K2 G2
1
23


Similar Part No. - MP02TT800

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
MP02TT200 DYNEX-MP02TT200 Datasheet
127Kb / 9P
Dual Thyristor Water Cooled Module Preliminary Information
MP02TT200-12 DYNEX-MP02TT200-12 Datasheet
127Kb / 9P
Dual Thyristor Water Cooled Module Preliminary Information
MP02TT200-13 DYNEX-MP02TT200-13 Datasheet
127Kb / 9P
Dual Thyristor Water Cooled Module Preliminary Information
MP02TT200-14 DYNEX-MP02TT200-14 Datasheet
127Kb / 9P
Dual Thyristor Water Cooled Module Preliminary Information
MP02TT200-15 DYNEX-MP02TT200-15 Datasheet
127Kb / 9P
Dual Thyristor Water Cooled Module Preliminary Information
More results

Similar Description - MP02TT800

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DCR840F DYNEX-DCR840F Datasheet
139Kb / 9P
Phase Control Thyristor Preliminary Information
MP02TT200 DYNEX-MP02TT200 Datasheet
127Kb / 9P
Dual Thyristor Water Cooled Module Preliminary Information
MP03TT1250 DYNEX-MP03TT1250 Datasheet
141Kb / 9P
Dual Thyristor Water Cooled Welding Module Preliminary Information
MP03TT300 DYNEX-MP03TT300 Datasheet
148Kb / 10P
Dual Thyristor Water Cooled Module Preliminary Information
MP03TT580 DYNEX-MP03TT580 Datasheet
139Kb / 9P
Dual Thyristor Water Cooled Welding Module Preliminary Information
MP04DD810 DYNEX-MP04DD810 Datasheet
205Kb / 9P
Dual Rectifier Diode Water Cooled Module Preliminary Information
MP04TT1400 DYNEX-MP04TT1400 Datasheet
188Kb / 10P
Dual Thyristor Water Cooled Welding Module Preliminary Information
MP04TT1550 DYNEX-MP04TT1550 Datasheet
186Kb / 10P
Dual Thyristor Water Cooled Welding Module Preliminary Information
MP04TT500 DYNEX-MP04TT500 Datasheet
292Kb / 10P
Dual Thyristor Water Cooled Module Advance Information
MP04TT600 DYNEX-MP04TT600 Datasheet
264Kb / 10P
Dual Thyristor Water Cooled Module Preliminary Information
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com