Electronic Components Datasheet Search
  English  ▼

X  

MP02TT800 Datasheet(PDF) 6 Page - Dynex Semiconductor

Part # MP02TT800
Description  Dual Thyristor Water Cooled Welding Module Preliminary Information
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

MP02TT800 Datasheet(HTML) 6 Page - Dynex Semiconductor

  MP02TT800 Datasheet HTML 1Page - Dynex Semiconductor MP02TT800 Datasheet HTML 2Page - Dynex Semiconductor MP02TT800 Datasheet HTML 3Page - Dynex Semiconductor MP02TT800 Datasheet HTML 4Page - Dynex Semiconductor MP02TT800 Datasheet HTML 5Page - Dynex Semiconductor MP02TT800 Datasheet HTML 6Page - Dynex Semiconductor MP02TT800 Datasheet HTML 7Page - Dynex Semiconductor MP02TT800 Datasheet HTML 8Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
MP02TT800
6/8
www.dynexsemi.com
PACKAGE DETAILS
For further package information, please visit our website or contact your nearest Customer Service Centre. All dimensions in mm, unless
stated otherwise. DO NOT SCALE.
Recommended fixings for mounting: M6 socket head cap screws.
Auxiliary gate and cathode leads can be ordered separately.
Nominal weight: 1200g
Module outline type code: MP02-W12
80
13
5
23
15
23
24
Ø6.5
K1
G1
K2
G2
M6
2.8 X 0.8
94
21.6
1
23
50.8
2 Off water connectors
1/4 - 18 NTP (W12)
Water-way plug
23.8
2 Off Holes M3 x 0.5
10 deep



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com