Electronic Components Datasheet Search
  English  ▼

X  

2SC5431 Datasheet(PDF) 5 Page - NEC

Part # 2SC5431
Description  NPN EPITAXIAL SILICON TRANSISTOR FOR UHF TUNER OSC/MIX
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC5431 Datasheet(HTML) 5 Page - NEC

  2SC5431 Datasheet HTML 1Page - NEC 2SC5431 Datasheet HTML 2Page - NEC 2SC5431 Datasheet HTML 3Page - NEC 2SC5431 Datasheet HTML 4Page - NEC 2SC5431 Datasheet HTML 5Page - NEC 2SC5431 Datasheet HTML 6Page - NEC 2SC5431 Datasheet HTML 7Page - NEC 2SC5431 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
2SC5431
5
Preliminary Data Sheet
VCE = 3.0 V, IC = 5.0 mA, Z0 = 50
Ω
FREQUENCY
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
200.00
0.597
–65.7
9.659
130.5
0.056
53.8
0.719
–35.9
400.00
0.431
–106.4
6.136
107.4
0.075
44.3
0.463
–49.2
600.00
0.375
–130.0
4.420
93.7
0.086
43.7
0.354
–55.6
800.00
0.347
–146.7
3.497
86.2
0.093
44.8
0.305
–58.8
1000.00
0.340
–160.1
2.911
80.3
0.105
47.0
0.272
–59.9
1200.00
0.348
–169.5
2.441
74.2
0.116
49.1
0.246
–61.7
1400.00
0.355
–175.6
2.153
68.4
0.130
51.6
0.225
–66.0
1600.00
0.352
177.6
1.925
64.4
0.142
54.4
0.210
–71.9
1800.00
0.359
170.0
1.706
60.4
0.152
56.4
0.200
–78.5
2000.00
0.381
163.8
1.533
56.1
0.161
56.4
0.192
–86.1
2200.00
0.404
160.0
1.411
50.7
0.175
55.8
0.185
–96.3
2400.00
0.421
157.0
1.343
46.6
0.191
55.7
0.191
–107.2
2600.00
0.435
153.7
1.270
44.3
0.209
56.3
0.206
–115.6
2800.00
0.454
150.8
1.162
41.6
0.220
57.4
0.218
–122.2
3000.00
0.472
149.0
1.088
36.6
0.227
57.0
0.228
–129.3
VCE = 3.0 V, IC = 3.0 mA, Z0 = 50
Ω
FREQUENCY
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
200.00
0.707
–53.0
7.303
137.7
0.064
58.0
0.814
–27.8
400.00
0.514
–91.3
5.041
113.3
0.091
43.6
0.575
–40.8
600.00
0.439
–116.2
3.754
97.8
0.102
38.9
0.457
–48.1
800.00
0.391
–133.8
3.018
88.9
0.107
37.8
0.404
–52.1
1000.00
0.369
–148.6
2.525
82.3
0.116
38.2
0.372
–53.8
1200.00
0.370
–159.9
2.132
75.2
0.125
40.2
0.343
–55.5
1400.00
0.374
–167.5
1.885
68.7
0.135
43.3
0.318
–59.4
1600.00
0.367
–175.1
1.693
64.2
0.141
46.6
0.299
–64.8
1800.00
0.370
176.3
1.506
59.8
0.148
49.4
0.289
–70.7
2000.00
0.390
168.9
1.355
55.2
0.155
50.2
0.280
–77.1
2200.00
0.413
164.3
1.251
49.5
0.167
50.7
0.268
–85.6
2400.00
0.430
160.7
1.189
45.0
0.180
51.9
0.272
–95.6
2600.00
0.444
157.1
1.126
42.7
0.196
53.3
0.286
–104.0
2800.00
0.462
153.8
1.028
39.5
0.206
54.8
0.297
–110.4
3000.00
0.480
151.4
0.964
34.6
0.214
55.2
0.303
–117.3
VCE = 3.0 V, IC = 1.0 mA, Z0 = 50
Ω
FREQUENCY
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
200.00
0.878
–34.4
3.225
149.4
0.076
65.6
0.939
–14.8
400.00
0.699
–64.9
2.556
125.7
0.123
48.1
0.796
–25.3
600.00
0.607
–90.1
2.080
107.1
0.148
37.3
0.691
–34.0
800.00
0.531
–107.9
1.791
94.8
0.154
30.0
0.647
–40.4
1000.00
0.477
–123.5
1.524
85.4
0.161
25.2
0.626
–43.9
1200.00
0.450
–137.4
1.316
76.4
0.164
23.3
0.596
–46.6
1400.00
0.442
–148.0
1.184
68.0
0.163
24.6
0.567
–50.9
1600.00
0.427
–157.3
1.081
62.1
0.159
26.6
0.543
–56.5
1800.00
0.415
–167.7
0.976
56.8
0.152
28.8
0.534
–62.8
2000.00
0.426
–177.6
0.883
51.5
0.148
29.8
0.526
–69.2
2200.00
0.450
–175.6
0.821
45.2
0.150
33.0
0.509
–76.5
2400.00
0.467
170.7
0.786
40.7
0.153
37.3
0.508
–86.2
2600.00
0.477
166.1
0.741
37.9
0.161
42.2
0.527
–94.4
2800.00
0.492
161.5
0.676
34.8
0.167
46.5
0.541
–100.8
3000.00
0.511
158.0
0.638
29.9
0.174
50.0
0.536
–107.8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com