Electronic Components Datasheet Search
  English  ▼

X  

JB15FP Datasheet(PDF) 2 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # JB15FP
Description  Low Profile Process Sealed Tactiles
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

JB15FP Datasheet(HTML) 2 Page - Nihon Kaiheiki Industry Co. Ltd.

  JB15FP Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. JB15FP Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. JB15FP Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. JB15FP Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. JB15FP Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. JB15FP Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. JB15FP Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. JB15FP Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
J
Series JB
Low Profile Process Sealed Tactiles
www.nkk.com
J21
Special bracket for right angle mounting provides added design
variations.
Higher operating force type provides more pronounced
operating feel.
Rubber seal construction prevents contact contamination
and allows automated soldering and cleaning.
Choice of dimensions from PCB to top of cap allows
design flexibility.
Dome contact gives crisp tactile feedback to positively indicate
circuit transfer and assures high reliability and long life of up
to 5,000,000 operations.
Slanted terminals provide a spring type action which ensures secure
mounting and prevents dislodging during wave soldering.
Molded-in terminals are part of the sealed construction which allows
automated soldering and washing.
Terminal spacing conforms to standard .100” (2.54mm) PCB grid.
Actual Size
Distinctive Characteristics
1
2
3
6
5
4
7
8
9
B
0
A
9
13
10
6
11
8
12
7
2
1
3
4
5
1
2
3
4
5
6
7
8
9
0
A
B
12 34 56 78 9101112 13
= ON
PC Terminations
1
2
3
6
5
4
7
8
9
B
0
A
1
2
6
7
3
4
5
1
2
3
4
5
6
7
8
9
0
A
B
12 34 56 7
= ON
PC Terminations
Common Bus Matrix
These single pole, single throw switches can be used in a key-
board matrix and, using strapped terminals, achieve a com-
mon bus electrical configuration on a single-sided PC board.
X-Y Matrix
These single pole, single throw switches can be
arranged on a single-sided PC board matrix
with strapped terminals to achieve an X-Y type
electrical interconnection.
Red = PCB Trace Black = Switch Circuit



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com