Electronic Components Datasheet Search
  English  ▼

X  

JB15FP Datasheet(PDF) 6 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # JB15FP
Description  Low Profile Process Sealed Tactiles
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

JB15FP Datasheet(HTML) 6 Page - Nihon Kaiheiki Industry Co. Ltd.

  JB15FP Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. JB15FP Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. JB15FP Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. JB15FP Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. JB15FP Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. JB15FP Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. JB15FP Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. JB15FP Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
J
Series JB
Low Profile Process Sealed Tactiles
www.nkk.com
J25
Short Actuator
Extended Actuator
Sculptured Snap-on Cap • Straight PC
Short Actuator
Extended Actuator
Framed Snap-on Cap • Straight PC
Spring action terminals conform to .100” (2.54mm) PCB spacing
JB15KP-1C
Spring action terminals conform to .100” (2.54mm) PCB spacing
JB15FHAP-4BC
TYPICAL SWITCH DIMENSIONS
Flat Blue Button • Straight PC
Flat Blue Button • Right Angle PC
Spring action terminals conform to .100” (2.54mm) PCB spacing
JB15FP
JB15FH
Short Actuator
Extended Actuator
Flat Snap-on Cap • Straight PC
Spring action terminals conform to .100” (2.54mm) PCB spacing
JB15KP-2C
(7.0) Dia
.276
(10.0) Sq
.394
(3.1)
.122
(4.2)
.165
(7.0)
.276
(6.3)
.248
(11.5)
.453
(0.4)
.016
(10.0) Sq
.394
(0.8) Typ
.031
(5.08)
.200
(6.3)
.248
(7.4)
.291
(7.3)
.287
(11.5)
.453
(3.1)
.122
(0.4)
.016
(6.3)
.248
(11.5)
.453
(3.1)
.122
(7.3)
.287
(7.4)
.291
(0.4)
.016
(10.0) Sq
.394
(0.8) Typ
.031
(5.08)
.200
(0.4)
.016
(11.5)
.453
(3.1)
.122
(4.2)
.165
(6.3)
.248
(7.0)
.276
(12.0) Sq
.472
(11.5)
.453
(3.1)
.122
(6.3)
.248
(7.3)
.287
(7.4)
.291
(0.4)
.016
(12.3) Sq
.484
(10.0)
.394
(10.0)
.394
(10.0) Sq
.394
(0.8) Typ
.031
(5.08)
.200
(6.3)
.248
(7.0)
.276
(0.4)
.016
(11.5)
.453
(3.1)
.122
(4.2)
.165
(6.0)
.236
(11.4)
.449
(7.0) Dia
.276
(10.8)
.425
(10.8)
.425
(12.0) Sq
.472
(0.8) Typ
.031
(5.08)
.200
(0.4)
.016
(11.5)
.453
(3.1)
.122
(4.2)
.165
(0.7)
.028
(5.08)
.200
(3.1)
.122
(1.46)
.057
(0.3)
.012
(6.54)
.257
(0.4)
.016
(0.8) Typ
.031
(10.9)
.429
+
(10.16)
.400
(5.08)
.200
(0.8) Typ
.031
(0.3) Typ
.012



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com