Electronic Components Datasheet Search
  English  ▼

X  

TF921 Datasheet(PDF) 2 Page - Dynex Semiconductor

Part # TF921
Description  Fast Switching Thyristor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

TF921 Datasheet(HTML) 2 Page - Dynex Semiconductor

  TF921 Datasheet HTML 1Page - Dynex Semiconductor TF921 Datasheet HTML 2Page - Dynex Semiconductor TF921 Datasheet HTML 3Page - Dynex Semiconductor TF921 Datasheet HTML 4Page - Dynex Semiconductor TF921 Datasheet HTML 5Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TF921..H
2/5
SURGE RATINGS
Parameter
Conditions
Max.
Units
I
2t for fusing
10ms half sine; V
R = 0% VRRM, Tj = 125˚C
13.6
kA
A
2s
Surge (non-repetitive) on-state current
10ms half sine; V
R = 0% VRRM, Tj = 125˚C
Symbol
I
TSM
I
2t
930 x 103
THERMAL AND MECHANICAL DATA
dc
Conditions
Min.
Max.
Units
oC/W
--
Anode dc
Clamping force 23.5kN
with mounting compound
Thermal resistance - case to heatsink
R
th(c-h)
0.006
Double side
-
125
oC
T
vj
Virtual junction temperature
T
stg
Storage temperature range
Reverse (blocking)
Single side
-
Thermal resistance - junction to case
R
th(j-c)
Single side cooled
Symbol
Parameter
Clamping force
22.3
24.6
kN
-40
150
oC
-
On-state (conducting)
-
135
oC
-
0.012
oC/W
oC/W
Cathode dc
-
-
oC/W
Double side cooled
-
0.02
oC/W
MEASUREMENT OF RECOVERED CHARGE - Q
RA1
0.5x I
RR
I
RR
Q
RA1
t
p = 1ms
ITM
dI
R/dt
Measurement of Q
RA1 : QRA1 = IRR x tRR
2



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com