Electronic Components Datasheet Search
  English  ▼

X  

2SC5434 Datasheet(PDF) 5 Page - NEC

Part # 2SC5434
Description  NPN EPITAXIAL SILICON TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC5434 Datasheet(HTML) 5 Page - NEC

  2SC5434 Datasheet HTML 1Page - NEC 2SC5434 Datasheet HTML 2Page - NEC 2SC5434 Datasheet HTML 3Page - NEC 2SC5434 Datasheet HTML 4Page - NEC 2SC5434 Datasheet HTML 5Page - NEC 2SC5434 Datasheet HTML 6Page - NEC 2SC5434 Datasheet HTML 7Page - NEC 2SC5434 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
2SC5434
5
Preliminary Data Sheet
2SC5434
S PARAMETER
VCE = 3 V, IC = 3 mA, Z0 = 50
Ω
FREQUENCY
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
200.00
0.866
–23.3
8.242
154.2
0.034
73.1
0.934
–14.4
400.00
0.693
–42.6
6.829
134.4
0.058
61.3
0.784
–24.9
600.00
0.565
–60.3
5.662
118.8
0.075
54.0
0.657
–33.3
800.00
0.474
–72.1
4.819
108.1
0.084
51.0
0.588
–38.5
1000.00
0.390
–80.9
4.196
101.0
0.092
48.6
0.543
–39.9
1200.00
0.321
–89.8
3.702
94.7
0.102
47.7
0.495
–39.5
1400.00
0.274
–99.4
3.260
87.8
0.111
48.6
0.453
–40.0
1600.00
0.237
–109.3
2.889
82.1
0.119
50.7
0.413
–41.4
1800.00
0.209
–119.5
2.590
77.8
0.124
52.1
0.386
–43.8
2000.00
0.187
–133.1
2.383
74.0
0.130
51.9
0.365
–46.2
2200.00
0.183
–147.1
2.189
68.7
0.138
51.5
0.344
–48.2
2400.00
0.190
–157.5
2.066
63.9
0.148
51.3
0.321
–51.6
2600.00
0.197
–166.2
1.982
60.8
0.161
52.3
0.306
–55.8
2800.00
0.204
–174.4
1.861
58.4
0.167
53.7
0.299
–59.6
3000.00
0.215
178.1
1.735
54.5
0.171
53.6
0.289
–62.5
VCE = 3 V, IC = 1 mA, Z0 = 50
Ω
FREQUENCY
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
200.00
0.959
–12.8
3.416
164.4
0.038
79.7
0.984
–7.5
400.00
0.880
–24.9
3.110
150.1
0.070
68.7
0.922
–14.6
600.00
0.792
–38.9
2.829
136.8
0.097
60.3
0.843
–22.9
800.00
0.739
–50.7
2.654
125.2
0.118
53.8
0.801
–30.5
1000.00
0.669
–59.5
2.539
116.6
0.132
47.5
0.774
–34.6
1200.00
0.590
–67.2
2.307
109.5
0.146
42.7
0.726
–36.6
1400.00
0.520
–75.5
2.081
100.9
0.159
40.4
0.670
–39.0
1600.00
0.458
–84.6
1.965
93.1
0.163
39.4
0.616
–42.0
1800.00
0.412
–92.6
1.839
87.1
0.164
38.3
0.579
–45.6
2000.00
0.360
–101.7
1.698
81.6
0.165
35.1
0.551
–49.1
2200.00
0.324
–112.8
1.590
74.9
0.169
33.6
0.523
–51.9
2400.00
0.313
–124.0
1.520
68.9
0.173
32.9
0.491
–56.0
2600.00
0.303
–132.2
1.474
64.5
0.177
33.6
0.474
–60.7
2800.00
0.291
–140.2
1.401
61.1
0.174
34.2
0.471
–64.4
3000.00
0.281
–149.5
1.315
56.6
0.172
34.3
0.457
–67.1
VCE = 1 V, IC = 5 mA, Z0 = 50
Ω
FREQUENCY
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
200.00
0.744
–36.0
10.973
143.7
0.037
66.0
0.845
–22.7
400.00
0.518
–61.7
8.030
121.2
0.057
54.5
0.624
–34.4
600.00
0.395
–80.9
6.108
106.2
0.068
51.2
0.494
–40.8
800.00
0.313
–93.7
4.965
97.5
0.076
50.9
0.429
–43.5
1000.00
0.253
–105.4
4.187
91.5
0.086
50.8
0.390
–43.2
1200.00
0.213
–118.2
3.630
86.0
0.096
51.6
0.353
–41.8
1400.00
0.193
–130.2
3.144
79.8
0.108
53.2
0.321
–41.9
1600.00
0.180
–142.3
2.769
75.2
0.119
55.2
0.291
–43.1
1800.00
0.171
–155.1
2.510
72.0
0.127
56.8
0.270
–45.6
2000.00
0.175
–168.7
2.254
68.0
0.134
56.6
0.252
–48.0
2200.00
0.191
–179.1
2.066
63.1
0.145
55.9
0.234
–50.6
2400.00
0.208
174.7
1.952
58.8
0.157
55.2
0.214
–55.0
2600.00
0.233
168.8
1.864
56.0
0.172
55.7
0.201
–60.4
2800.00
0.238
163.5
1.739
53.8
0.180
56.8
0.194
–65.4
3000.00
0.255
159.3
1.620
50.0
0.186
56.2
0.185
–69.8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com